Electronic Components Datasheet Search
  English  ▼

X  

AIC1574CS Datasheet(PDF) 13 Page - Analog Intergrations Corporation

Part # AIC1574CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1574CS Datasheet(HTML) 13 Page - Analog Intergrations Corporation

Back Button AIC1574CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 12Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 13Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 14Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 15Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 16Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 17Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AIC1574
13
extreme overload. A sustained overload on any output
or over-voltage on PWM output disable all converters
and
drive
the
FAULT/RT
pin
to
VCC.
+
+
0.15V
OV
LATCH
OVER CURRENT
4.0V
SS
OC1
R
LUV
Q
S
FAULT
VCC
FAULT LATCH
POR
Q
R
S
R
S
COUNTER
INHIBIT
Fig. 17 Simplified Schematic of Fault Logic
A simplified schematic is shown in figure 17. An
over-voltage detected on VSEN1 immediately sets
the fault latch. A sequence of three over-current
fault signals also sets the fault latch. An under-
voltage event on either linear output (VSEN2,
VSEN3, VSEN4) is ignored until the soft-start inter-
val. Cycling the bias input voltage (+12V off then on)
resets the counter and the fault latch.
Gate Drive Overlap Protection
The Overlap Protection circuit ensures that the Bot-
tom MOSFET does not turn on until the Upper
MOSFET source has reached a voltage low enough
to ensure that shoot-through will not occur.
Over-Voltage Protection
During operation, a short on the upper PWM
MOSFET (Q1) causes VOUT1 to increase. When
the output exceed the over-voltage threshold of
116% of DACOUT, the FAULT pin is set to fault
latch and turns Q2 on as required in order to regu-
late VOUT1 to 115% of DACOUT. The fault latch
raises the FAULT/RT pin close to VCC potential.
A separate over-voltage circuit provides protection
during the initial application of power. For voltage on
VCC pin below the power-on reset (and above ~4V),
should VSEN1 exceed 1.0V, the lower MOSFET
(Q2) is driven on as needed to regulate VOUT1 to
1.0V.
Over-Current Protection
All outputs are protected against excessive over-
current.
The
PWM
controller
uses
upper
MOSFET’s on-resistance, RDS(ON) to monitor the
current for protection against shorted outputs. All
linear controllers monitor VSEN for under-voltage
events to protect against excessive current.
When the voltage across Q1 (ID•RDS(ON)) exceeds
the level (200
µA• ROCSET), this signal inhibit all
outputs. Discharge soft-start capacitor (Css) with
25
µA current sink, and increments the counter.
Css recharges and initiates a soft-start cycle again
until the counter increments to 3. This sets the fault
latch to disable all outputs. Fig. 6 illustrates the
over-current protection until an over load on OUT1.
Should excessive current cause VSEN to fall below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com