Electronic Components Datasheet Search
  English  ▼

X  

AIC1574CS Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1574CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1574CS Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1574CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 12Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AIC1574
8
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
VOUT1
0 to 20A Load Step
Fig. 13
Load Transient of PWM Output
0 to 20A Load Step
VOUT1
Fig. 14
Stringent Load Transient of PWM Output
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0
10
20
30
40
50
60
Mean= -0.03%
3 std.= 0.56%
DACOUT=1. 6V
Ta = 25 °C
FB Voltage Accuracy
Fig. 15
Accuracy (%)
1.255
1.260
1.265
1.270
1.275
0
10
20
30
40
50
60
70
Bandgap Voltage Accuracy
FIX=0V
Ta = 25°
C
Mean=1.266V
3 std.= 0.8%
Fig. 16
Bandgap Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com