Electronic Components Datasheet Search
  English  ▼

X  

AIC1574CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1574CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1574CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1574CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AIC1574
3
n ORDERING INFORMATION
ORDER NUMBER
PIN CONFIGURATION
AIC1574 -C X
AIC157 4CS
(SO2 8)
PACKAGING TYPE
S: SMALL OUTLINE
1
3
4
2
5
7
6
8
9
10
VID 1
FIX
VID 4
VID 3
DRIVE2
VID 2
VSEN2
VID0
SD
PGOOD
11
12
SS
SELECT
PHASE1
VCC
UGATE1
OCSET
LGATE1
PGND
20
19
VSEN1
VSEN3
FB
NC
28
26
27
25
24
23
21
22
18
17 GND
DRIVE3
13
14
VSEN4
FAULT/RT
16
15 DRIVE4
VAUX
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ...............…………… .....………… ...…… ...… ..…… ..................... +15V
PGOOD, FAULT and GATE Voltage ...………… .....……… ..… .... GND -0.3V to VCC +0.3V
Input, Output , or I/O Voltage
......… ...…………………… ..…… ............ GND -0.3V to 7V
Recommended Operating Conditions
Supply Voltage; VCC…… ...............………… ..................... +12V±10%
Ambient temperature Range …… ..……………… ................. 0
°C~70°C
Junction Temperature Range …… ......… ..…… .................. 0
°C~125°C
Thermal Information
Thermal Resistance,
θ
JA
SOIC package …………………………… ..…… ..…… .............. 70
°C/W
SOIC package (with 3in
2 of copper) … ...……… .........… ......... 50
°C/W
Maximum Junction Temperature (Plastic Package)
………………… ..…… ...... 150
°C
Maximum Storage Temperature Range
…………………………… .... -65
°C ~ 150°C
Maximum Lead Temperature (Soldering 10 sec)
………………………… ..… ... 300
°C
n TEST CIRCUIT
Refer to APPLICATION CIRCUIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com