Electronic Components Datasheet Search
  English  ▼

X  

AIC1574CS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1574CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1574CS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1574CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AIC1574
5-bit DAC, Synchronous PWM Power Regulator
with Triple Linear Controllers
Analog Integrations Corporation 4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1574-00 May 22, 01
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Compatible with HIP6021.
l
Provides 4 Regulated Voltages for Microprocessor
Core, AGP Bus, Memory and GTL Bus Power.
l
TTL Compatible 5-bit Digital-to-Analog Core Output
Voltage Selection. Range from 1.3V to 3.5V.
0.1V Steps from 2.1V to 3.5V.
0.05V Steps from 1.3V to 2.05V.
l
±1.0% Output Voltage for VCORE, ±3.0% Accu-
racy for Linear Controller Outputs.
l
Simple Voltage-Mode PWM Control and Built in
Internal Compensation Networks.
l
N-Channel MOSFET Driver for PWM Buck Con-
verter.
l
Linear Controller Drives Compatible with both N–
Chanel MOSFET and NPN Bipolar Series Pass
Transistor.
l
Operates from +3.3V, +5V and +12V Inputs.
l
Fast Transient Response.
l
Full 0% to 100% Duty Ratios.
l
Adjustable Current Limit without External Sense
Resistor.
l
Microprocessor Core Voltage Protection against
Upper MOSFET shorted to +5V.
l
Power Good Output Voltage Monitor.
l
Over-Voltage and Over-Current Fault Monitors.
l
200KHz Free-Running Oscillator Programmable up
to 700KHz.
n APPLICATIONS
l
Full Motherboard Power Regulation for Computers.
n DESCRIPTION
The AIC1574 combines a synchronous voltage mode
controller with three linear controller as well as the
monitoring and protection functions in this chip. The
PWM controller regulates the microprocessor core
voltage with a synchronous rectified buck converter.
The three linear controllers regulate power for the
1.5V or 3.3V AGP bus power, the 1.5V GTL bus and
the 1.8V power for the chip set core voltage and/or
cache memory circuits.
An integrated 5 bit D/A converter that adjusts the
core PWM output voltage from 2.1V to 3.5V in 0.1V
increments and from 1.3V to 2.05V in 0.05V incre-
ments. The linear controller for AGP bus power is
selectable by TTL-compatible SELECT pin status for
1.5V or 3.3V with
±3% accuracy. The other two
linear controller provide 1.5V
±3% and 1.8V±3% or
adjustable output voltage by means of external di-
vided resistor based on FIX pin status.
This chip monitors all the output voltages. Power
Good signal is issued when the core voltage is
within ±10% of the DAC setting and the other levels
are above their under-voltage levels. Over-voltage
protection for the core output uses the lower N-
channel MOSFET to prevent output voltage above
116% of the DAC setting.
The PWM over-current function monitors the output
current by using the voltage drop across the upper
MOSFET’s RDS(ON), eliminating the need for a cur-
rent sensing resistor
.


Similar Part No. - AIC1574CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1570CS AIC-AIC1570CS Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1571CS AIC-AIC1571CS Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
More results

Similar Description - AIC1574CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
AIC1569A AIC-AIC1569A Datasheet
240Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
logo
Microsemi Corporation
LX1662 MICROSEMI-LX1662 Datasheet
308Kb / 15P
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1664 MICROSEMI-LX1664 Datasheet
354Kb / 17P
DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
5-bit DAC, Synchronous PWM Power Controller
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com