Electronic Components Datasheet Search
  English  ▼

X  

AIC1574CS Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1574CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1574CS Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1574CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AIC1574
6
n TYPICAL PERFORMANCE CHARACTERISTICS
PGOOD
VOUT4
VOUT3
SS
VOUT2
VOUT1
Fig. 1 Soft Start Interval with 4 Outputs and PGOOD
SS
VDAC=3.5V
VDAC=2V
VDAC=1.3V
Fig. 2
Soft Start Initiates PWM Output
1k
10k
100k
1M
-5
0
5
10
15
20
25
30
90°C
Internal Compensation Gain of PWM Error Amplifier
Fig. 3
Frequency (Hz)
-40°C
22°C
10k
100k
1M
1k
10k
100k
1M
10M
RT Pull Up to 12V
Fig. 4
Switching Frequency (Hz)
RT Pull Down to GND
RT Resistance vs. Frequency
200k
300k
400k
500k
600k
700k
800k
900k
1M
0
20
40
60
80
100
120
C=0
C=680pF
C=1.5nF
C=3.3nF
C=4.7nF
VCC=12V
CUG1=CLG1=C
Supply Current vs. Frequency
Fig. 5
Switching Frequency (Hz)
SS
Inductor
Current 5A/div
Over Load
Applied
Fault
Over Current ON Inductor
Fig. 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com