Electronic Components Datasheet Search
  English  ▼

X  

APL3200 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3200
Description  Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3200 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3200 Datasheet HTML 1Page - Anpec Electronics Coropration APL3200 Datasheet HTML 2Page - Anpec Electronics Coropration APL3200 Datasheet HTML 3Page - Anpec Electronics Coropration APL3200 Datasheet HTML 4Page - Anpec Electronics Coropration APL3200 Datasheet HTML 5Page - Anpec Electronics Coropration APL3200 Datasheet HTML 6Page - Anpec Electronics Coropration APL3200 Datasheet HTML 7Page - Anpec Electronics Coropration APL3200 Datasheet HTML 8Page - Anpec Electronics Coropration APL3200 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2009
APL3200
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Dual-Input, USB/AC Adapter, 1-Cell
Li+ Charger with OVP and Thermal Regulation
•
Charge from USB or AC Adapter
•
Accurate BATT Regulation Voltage
•
Programmable DC Charging Current
•
Selectable USB Charging Current (Either 100mA
or 500mA)
•
Thermal Regulation for Simplified Board Design
•
Input Protection Up to 18V
•
Soft-Start
•
External Thermistor Monitoring
•
Charge Shutdown Control
•
Charge Status Outputs
•
DC and USB Power-OK Indicators
•
Small, High Power QFN5x5-16 and TQFN4x4-16
Packages
•
Lead Free and Green Devices Available
(RoHS Compliant)
The APL3200 charges a single-cell Li+ battery from both
USB and AC adapter sources. It also includes battery-
to-input power switchover, therefore, the system can be
powered directly from the power source rather than from
the battery.
In its simplest application, the APL3200 doesn’t need
external MOSFET or diodes and accepts input voltages
up to 6.5V; however, DC input over-voltage protection up
to 18V can be added with a single SOT PFET.
On-chip thermal limiting simplifies PC board layout and
allows optimum charging rate without the thermal
limits imposed by worst-case battery and input voltage.
When the APL3200 thermal limit is reached, the charger
does not shut down but simply reduces charging current.
Ambient or battery temperature can be monitored with
an external thermistor. When the temperature is out of
range, charging pauses.
Other features include STAT 1 and STAT 2 outputs
indicating various charge status. DC power-OK (DCOK),
USB power-OK (UOK), and poweron (PON) outputs
indicate when valid power is present. These outputs drive
logic or power-selection MOSFETs to disconnect the
charging sources from the load and to protect the APL3200
from overvoltage. The APL3200 doesn’t contain logic for
communication with the USB host. It must receive
instructions from a local microcontroller. The APL3200
is available in 16-pin 5mmx5mm QFN and 4mmx4mm
TQFN packages and operates over the -40
°C to +85°C
temperature range.
Features
General Description
Applications
•
Smart Phones and PDAs
•
Wireless Appliances
•
Digital Still Camera
•
Internet Appliances
Pin Configuration
APL3200
(Top View)
BYP
USEL
STAT1
DC
DCLV
USB
STAT2
REF
12
11
10
9
2
3
4
1
5
6
7
8
15
14
13
16
GND
(Bottom)


Similar Part No. - APL3200

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
Li Battery Charger with Thermal Regulation
APL3201QAI-TRG ANPEC-APL3201QAI-TRG Datasheet
255Kb / 16P
Li Battery Charger with Thermal Regulation
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
Li Battery Charger with Thermal Regulation
APL3202BI-TRG ANPEC-APL3202BI-TRG Datasheet
275Kb / 18P
Li Battery Charger with Thermal Regulation
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
Li Charger Protection IC
More results

Similar Description - APL3200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874 Datasheet
405Kb / 16P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
Adapter/USB Dual Input Single-cell Li-ion Charger
logo
Maxim Integrated Produc...
MAX8600A MAXIM-MAX8600A Datasheet
177Kb / 12P
Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer
Rev 1; 1/09
logo
Semtech Corporation
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
Adapter/USB Dual Input Single-cell Li-ion Charger
logo
Eutech Microelectronics...
EUP8060X EUTECH-EUP8060X Datasheet
158Kb / 1P
1A Li-Ion/Polymer Charger IC with Thermal Regulation and OVP
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
Li Battery Charger with Thermal Regulation
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com