Electronic Components Datasheet Search
  English  ▼

X  

APL3200 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3200
Description  Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3200 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3200 Datasheet HTML 2Page - Anpec Electronics Coropration APL3200 Datasheet HTML 3Page - Anpec Electronics Coropration APL3200 Datasheet HTML 4Page - Anpec Electronics Coropration APL3200 Datasheet HTML 5Page - Anpec Electronics Coropration APL3200 Datasheet HTML 6Page - Anpec Electronics Coropration APL3200 Datasheet HTML 7Page - Anpec Electronics Coropration APL3200 Datasheet HTML 8Page - Anpec Electronics Coropration APL3200 Datasheet HTML 9Page - Anpec Electronics Coropration APL3200 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2009
APL3200
www.anpec.com.tw
6
Typical Operating Characteristics
(V
USB=VDC=VDCLV=VEN=5V, VBATT=4.2V, VTHRM=VREF/2, VUSEL=5V, Typical Application Circuit 3, TA=25°C, unless otherwise noted)
DC Input Voltage (V)
DC Supply Current vs. DC Input Voltage
USB Input Voltage (V)
USB Supply Current vs. USB Input Voltage
USB Input Voltage (V)
USB Supply Current vs. USB Input Voltage
V
DC-VBATT (V)
DC Charge Current vs. (V
DC-VBATT)
BATT Voltage (V)
Charge Current vs. BATT Voltage
V
USB-VBATT (V)
USB Charge Current vs. (V
USB-VBATT)
0
50
100
150
200
250
300
350
400
450
500
0
0.2
0.4
0.6
0.8
1
0
200
400
600
800
1000
1200
0
0.2
0.4
0.6
0.8
1
= set to 750mA
I
CHG_DC = set to 1A
I
CHG_DC
0
200
400
600
800
1000
1200
0
1
2
3
4
5
V
DC = 5V, VEN = 5V
I
CHG_DC = set to 1A
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
V
USB = 0, VEN = 5V
Includes R4 Current
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
6
7
V
DC = 0, VEN = 5V
Includes R1 and R5 Current
0
0.25
0.5
0.75
1
1.25
0
1
2
3
4
5
6
7
V
DC = 0, VEN = 0V
Includes R1 and R5 Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com