Electronic Components Datasheet Search
  English  ▼

X  

APL3200 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3200
Description  Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3200 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3200 Datasheet HTML 1Page - Anpec Electronics Coropration APL3200 Datasheet HTML 2Page - Anpec Electronics Coropration APL3200 Datasheet HTML 3Page - Anpec Electronics Coropration APL3200 Datasheet HTML 4Page - Anpec Electronics Coropration APL3200 Datasheet HTML 5Page - Anpec Electronics Coropration APL3200 Datasheet HTML 6Page - Anpec Electronics Coropration APL3200 Datasheet HTML 7Page - Anpec Electronics Coropration APL3200 Datasheet HTML 8Page - Anpec Electronics Coropration APL3200 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2009
APL3200
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
DCLV Input Current
~ 1
A
USB Input Current
~ 0.5
A
TA
Ambient Temperature
-40 ~ 85
°C
TJ
Junction Temperature
-40 ~ 125
°C
Electrical Characteristics
Refer to the typical application circuit. These specifications apply over V
USB=VDC=VDCLV=VEN=VUSEL=5V, VBATT=4.2V and TA= -40~85°C
(T
J= -40~125°C), unless otherwise specified. Typical values are at TA=25°C.
APL3200
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
VEN = 0V
-
1
2
mA
IDC
DC Supply Current
VEN = 5V, ICHG_DC=0A
1
2
mA
VEN = 0V, VDCLV = 5V, VUSB = 0V
-
300
500
µA
IDCLV
DCLV Supply Current
VEN = 5V, VDCLV = 5V, VUSB = 0V
-
2
3
mA
VEN = 0V, VUSB = 5V, VDCLV = 0V
-
300
500
µA
VEN = 5V, VUSB = 5V, VDCLV = 0V
ICHG_USB=0A
-
2
3
mA
IUSB
USB Supply Current
VUSB<VDCLV
-
80
160
µA
DC POWER-OK VOLTAGE THRESHOLD AND TIMING
Rising DC Power-OK Threshold
3.45
3.65
3.85
V
DC Power-OK Hysteresis
0.1
0.15
0.2
V
DC Rising to DCOK Falling and PON
Rising (90%)
VDC rising to 5V, VUSB=open
-
20
-
ms
DC Rising to UOK and PON Going to
Open-Drain
VDC step to 5V, VUSB= 5V
-
10
-
ms
DC Falling to DCOK and PON Going to
Open-Drain Propagation Delay
VUSB=0V or 5V
-
1
-
µs
USB POWER-OK VOLTAGE THRESHOLD AND TIMING
Rising USB Power-OK Threshold
3.45
3.65
3.85
V
USB Power-OK Hysteresis
0.1
0.15
0.2
V
USB Rising to UOK Falling and PON
Rising
VDC=0V, VUSB step to 5V
-
20
-
ms
USB Falling to UOK and PON Going to
Floating Propagation Delay
VDC=0V
-
1
-
µs
CHARGING POWER-OK VOLTAGE THRESHOLDS
Rising DCLV Charging Power-OK
Threshold
3.90
4.05
4.2
V
DCLV Charging Power-OK Hysteresis
0.15
0.25
0.35
V
Rising USB Charging Power-OK
Threshold
3.90
4.05
4.2
V
USB Charging Power-OK Hysteretic
0.15
0.25
0.35
V
Recommended Operating Conditions (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com