Electronic Components Datasheet Search
  English  ▼

X  

APL3200 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3200
Description  Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3200 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3200 Datasheet HTML 1Page - Anpec Electronics Coropration APL3200 Datasheet HTML 2Page - Anpec Electronics Coropration APL3200 Datasheet HTML 3Page - Anpec Electronics Coropration APL3200 Datasheet HTML 4Page - Anpec Electronics Coropration APL3200 Datasheet HTML 5Page - Anpec Electronics Coropration APL3200 Datasheet HTML 6Page - Anpec Electronics Coropration APL3200 Datasheet HTML 7Page - Anpec Electronics Coropration APL3200 Datasheet HTML 8Page - Anpec Electronics Coropration APL3200 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2009
APL3200
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
Refer to the typical application circuit. These specifications apply over V
USB=VDC=VDCLV=VEN=VUSEL=5V, VBATT=4.2V and TA= -40~85°C
(T
J= -40~125°C), unless otherwise specified. Typical values are at TA=25°C.
APL3200
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SOFT-START, DC OVER-VOLTAGE VOLTAGE THRESHOLD, AND REVERSE CURRENT
TSS
Soft-Start Interval
ICHG=0A to fast-charging current
4
7
12
ms
Rising DC Over-Voltage Threshold
6.2
6.4
6.6
V
BATT Input Current
VDCLV=VUSB=0V, VBATT=4.2V
-
-
8
µA
BATT Shutdown Input Current
VEN=0V, VDCLV and/or VUSB=5V,
VBATT=4.2V
-
-
4
µA
LOGIC INPUT/OUTPUTS AND GATE DRIVERS
PON Pull-High Resistance
PON pulled up to BYP
-
10
-
Ω
PON Pull-low Resistance
PON pulled to GND,
VDCLV=VUSB=0V
-
140
-
k
Ω
DCOK, UOK, STAT1, STAT2 Pull-low
Resistance
All pins pulled to GND
-
10
-
Ω
DCOK Off-Leakage Current
VDCOK=12V, VDC=0V
-
-
1
µA
UOK Off-Leakage Current
VUOK=5V, VDC=5V
-
-
1
µA
STAT1, STAT2 Off-Leakage Current
VSTAT1,2=5V, VDC=VUSB=0V
-
-
1
µA
EN, USEL Logic-Input High Level
TJ=-40~125
°C, rising
1.6
-
-
V
EN, USEL Logic-Input Low Level
-
-
0.4
V
EN, USEL Input Bias Current
-
-
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com