Electronic Components Datasheet Search
  English  ▼

X  

APL3200 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3200
Description  Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3200 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3200 Datasheet HTML 1Page - Anpec Electronics Coropration APL3200 Datasheet HTML 2Page - Anpec Electronics Coropration APL3200 Datasheet HTML 3Page - Anpec Electronics Coropration APL3200 Datasheet HTML 4Page - Anpec Electronics Coropration APL3200 Datasheet HTML 5Page - Anpec Electronics Coropration APL3200 Datasheet HTML 6Page - Anpec Electronics Coropration APL3200 Datasheet HTML 7Page - Anpec Electronics Coropration APL3200 Datasheet HTML 8Page - Anpec Electronics Coropration APL3200 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2009
APL3200
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Refer to the typical application circuit. These specifications apply over V
USB=VDC=VDCLV=VEN=VUSEL=5V, VBATT=4.2V and TA= -40~85°C
(T
J= -40~125°C), unless otherwise specified. Typical values are at TA=25°C.
APL3200
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BATTERY VOLTAGE AND REFERENCE VOLTAGE
BATT Regulation Voltage
-
4.20
-
V
TA=25
°C, V
BYP=4.0~6.5V
-0.5
-
0.5
%
BATT Regulation Voltage Accuracy
TA=-40~85
°C (T
J=-40~125
°C)
-1
-
1
%
BATT Pre-qual Voltage Threshold
2.8
3
3.2
V
Pre-qual Threshold Hysteresis
-
70
-
mV
REF Regulation Voltage
-
3
-
V
REF Voltage Accuracy
IREF=0~500
µA,T
J=-40~125
°C,
VBYP=4.0V~6.5V
-2
-
2
%
REF Maximum Output
REF=GND
-
1.5
-
mA
BATTERY CHARGING AND PRECHARGING CURRENT
ICHG_DC
DC Charging Current Range
ICHG_DC=KSET x VSET / RSET,
Without thermal regulation
100
-
1500
mA
VSET
DCI Regulation Voltage
Without thermal regulation
-
1
-
V
DCI Regulation Voltage Accuracy
TJ=-40~125
°C, V
BYP=4.0~6.5V
-1
-
1
%
Maximum DCI Output Current
DCI=GND
-
1.8
-
mA
KSET
Charging Current Set Factor
100mA
≤I
CHG_DC
≤1A
940
1000
1060
-
VUSEL=0V
70
82
95
mA
ICHG_USB
USB Charging Current
VUSEL=5V
400
450
495
mA
Pre-qual charging Current
VBATT= 0 ~ 3V
35
55
70
mA
DC Input, falling charging current
(% of charger current set at DCI)
8
12.5
19
%
Hysteresis
-
12.5
-
%
USB Input, VUSEL=5V, Falling
charging current
(% of USB charger current)
20
25
30
%
Hysteresis
-
25
-
%
Charge-Done
Current Threshold
USB Input, VUSEL=0V
In Voltage Mode
-
DROPOUT VOLTAGES
DCLV to BATT Dropout Voltage
ICHG_DC=1A, VDCLV=5V
-
250
450
mV
USB to BATT Dropout Voltage
ICHG_USB=450mA, VUSB=5V
-
140
250
mV
DCLV to BYP Dropout Voltage
IDCLV-to-BYP=5mA, VDCLV=5V
-
300
-
mV
USB to BYP Dropout Voltage
IUSB-to-BYP=5mA, VUSB=5V,VDCLV=0V
-
300
-
mV
THERMISTOR MONITOR AND DIE TEMPERATURE REGULATION
THRM Cold Trip Level
VTHRM rising
0.79
0.81
0.82
VREF
THRM Cold Trip Level Hysteresis
-
0.03
-
VREF
THRM Hot Trip Level
VTHRM falling
0.28
0.29
0.30
VREF
THRM Hot Trip Level Hysteresis
-
0.03
-
VREF
Die Thermal Regulation Limit
-
120
-
°C
THRM Disable Voltage Threshold
50
100
150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com