Electronic Components Datasheet Search
  English  ▼

X  

AD9726-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9726-EBZ
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9726-EBZ Datasheet HTML 4Page - Analog Devices AD9726-EBZ Datasheet HTML 5Page - Analog Devices AD9726-EBZ Datasheet HTML 6Page - Analog Devices AD9726-EBZ Datasheet HTML 7Page - Analog Devices AD9726-EBZ Datasheet HTML 8Page - Analog Devices AD9726-EBZ Datasheet HTML 9Page - Analog Devices AD9726-EBZ Datasheet HTML 10Page - Analog Devices AD9726-EBZ Datasheet HTML 11Page - Analog Devices AD9726-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD9726
Rev. B | Page 8 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
THERMAL RESISTANCE
Parameter
With Respect to
Rating
DBVDD, AVDD1,
AVDD2
DBGND, AGND1,
AGND2
−0.3 V to 3.6 V
DVDD, CLKVDD,
ACVDD, ADVDD
DGND, CLKGND,
ACGND, ADGND
−0.3 V to 2.8 V
DBGND, AGND1,
AGND2
DBGND, AGND1,
AGND2
−0.3 V to +0.3 V
DGND, CLKGND,
ACGND, ADGND
DGND, CLKGND,
ACGND, ADGND
−0.3 V to +0.3 V
REFIO, FSDAJ
AGND1
−0.3 V to AVDD1
+ 0.3 V
IOUTA, IOUTB
AGND1
−1.0 V to AVDD1
+ 0.3 V
CLK±
CLKGND
−0.3 V to CLKVDD
+ 0.3 V
DB[15:0]±,
DCLK_IN±,
DCLK_OUT±
DBGND
−0.3 V to DBVDD
+ 0.3 V
CSB, SCLK, SDIO,
SDO, RESET, REXT
DBGND
−0.3 V to DBVDD
+ 0.3 V
SDR_EN, SPI_DIS
ADGND
−0.3 V to ADVDD
+ 0.3 V
Thermal impedance can be lowered to 23°C/W by soldering the
exposed package pad to an external heat sink (for example, the
internal PCB copper ground plane). However, this is not necessary
for the power dissipation and operating temperature range of
the AD9726.
Table 6. Thermal Resistance
Package Type
θJA
Unit
80-Lead TQFP_EP Package, Thermally Enhanced
32
°C/W
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com