Electronic Components Datasheet Search
  English  ▼

X  

AD9726-EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9726-EBZ
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726-EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9726-EBZ Datasheet HTML 10Page - Analog Devices AD9726-EBZ Datasheet HTML 11Page - Analog Devices AD9726-EBZ Datasheet HTML 12Page - Analog Devices AD9726-EBZ Datasheet HTML 13Page - Analog Devices AD9726-EBZ Datasheet HTML 14Page - Analog Devices AD9726-EBZ Datasheet HTML 15Page - Analog Devices AD9726-EBZ Datasheet HTML 16Page - Analog Devices AD9726-EBZ Datasheet HTML 17Page - Analog Devices AD9726-EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD9726
Rev. B | Page 14 of 24
SPAN 83.98MHz
SWEEP 2.451s (601 pts)
VBW 100kHz
CENTER 70.00MHz
*RES BW 10kHz
1 –32.21dBm
2 –32.30dBm
3 –32.44dBm
4 –32.59dBm
TOTAL CARRIER POWER -20.62dBm/15.3600MHz
REF CARRIER POWER
-26.43dBm/3.84000MHz
OFFSET FREQ
5.000MHz
10.00MHz
15.00MHz
INTEG BW
3.840MHz
3.840MHz
3.840MHz
dBc
–62.23
–62.87
–63.70
dBm
–94.82
–95.46
–96.28
LOWER
RRC FILTER: ON FILTER ALPHA 0.22
dBc
–62.09
–62.36
–62.39
dBm
–94.68
–94.94
–94.98
UPPER
REF –50dBm
*AVG
Log
10dB/
PAVG
10
W1 S2
*ATTEN 2dB
EXT REF
Figure 18. Eight-Carrier WCDMA at 400 MSPS fOUT = 70 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com