Electronic Components Datasheet Search
  English  ▼

X  

AD9726-EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9726-EBZ
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726-EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9726-EBZ Datasheet HTML 7Page - Analog Devices AD9726-EBZ Datasheet HTML 8Page - Analog Devices AD9726-EBZ Datasheet HTML 9Page - Analog Devices AD9726-EBZ Datasheet HTML 10Page - Analog Devices AD9726-EBZ Datasheet HTML 11Page - Analog Devices AD9726-EBZ Datasheet HTML 12Page - Analog Devices AD9726-EBZ Datasheet HTML 13Page - Analog Devices AD9726-EBZ Datasheet HTML 14Page - Analog Devices AD9726-EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD9726
Rev. B | Page 11 of 24
TERMINOLOGY
Integral Nonlinearity (INL)
The maximum deviation of the actual analog output from the
ideal output, as determined by a straight line drawn from zero
scale to full scale.
Differential Nonlinearity (DNL)
A measure of the maximum deviation in analog output associated
with any single value change in the digital input code relative to
an ideal LSB.
Offset Error
The deviation of the output current from the ideal zero-scale
current. For differential outputs, 0 mA is expected at IOUTA when
all inputs are low, and 0 mA is expected at IOUTB when all inputs
are high.
Monotonicity
A DAC is monotonic if the analog output increases or remains
constant in response to an increase in the digital input.
Gain Error
The deviation of the output current from the ideal full-scale
current. Actual full-scale output current is determined by
subtracting the output when all inputs are low from the output
when all inputs are high.
Output Compliance Range
The range of allowable voltage seen by the analog output of a
current output DAC. Operation beyond the compliance limits
may cause output stage saturation and/or breakdown resulting
in nonlinear performance.
Temperature Drift
Temperature drift is specified as the maximum change in a
parameter from ambient temperature (25°C) to either TMIN
or TMAX and is typically reported as ppm/°C.
Power Supply Rejection
The maximum change in the full-scale output as all power
supplies are varied over their respective operating voltage range.
Spurious-Free Dynamic Range (SFDR)
The difference in decibels between the peak amplitude of a test
tone and the peak amplitude of the largest spurious signal over
the specified bandwidth.
Intermodulation Distortion (IMD)
The difference in decibels between the maximum peak
amplitude of two test tones and the maximum peak amplitude
of the distortion products created from the sum or difference
of integer multiples of the test tones.
Adjacent Channel Leakage Ratio (ACLR)
The ratio between the measured power of a wideband signal
within a channel relative to the measured power in an empty
adjacent channel.
Noise Spectral Density (NSD)
The measured noise power over a 1 Hz bandwidth seen at the
analog output.
Total Harmonic Distortion (THD)
The ratio in decibels of the rms power sum of the first six
harmonic components to the rms power of the output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com