Electronic Components Datasheet Search
  English  ▼

X  

AD9726-EBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9726-EBZ
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726-EBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9726-EBZ Datasheet HTML 16Page - Analog Devices AD9726-EBZ Datasheet HTML 17Page - Analog Devices AD9726-EBZ Datasheet HTML 18Page - Analog Devices AD9726-EBZ Datasheet HTML 19Page - Analog Devices AD9726-EBZ Datasheet HTML 20Page - Analog Devices AD9726-EBZ Datasheet HTML 21Page - Analog Devices AD9726-EBZ Datasheet HTML 22Page - Analog Devices AD9726-EBZ Datasheet HTML 23Page - Analog Devices AD9726-EBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD9726
Rev. B | Page 23 of 24
sync logic should be resynchronized by asserting SYNCUPD
at the next convenient time.
In manual mode, users can choose when to update the sync
logic. When operating with burst data, issuing a sync update
between active bursts updates the system without risking the
loss of any data. In fact, because SYNCUPD always forces a
resynchronization regardless of operational mode, even users in
fully automatic mode can reduce the possibility of data loss by
occasionally forcing a sync update during idle activity.
If either the data clock or the DAC clock is interrupted for any
reason, a SYNCUPD should always be executed to ensure that
data bus and DAC clock phase alignment remains optimized.
SYNC External Mode
Going beyond manual mode, sync external mode offers a
greater level of control and can be useful if multiple DAC
channels are employed in an application. Enable sync external
mode by asserting the SYNCEXT bit (Bit 5) in SPI Register
0x16. Manual mode must also be enabled.
The four channels into which each incoming data-word is
multiplexed are called quadrants. In any mode, the current
quadrant value can always be read back via SYNCOUT (Bits
[1:0] of SPI Register 0x15). At sync update, the logic chooses the
optimal quadrant and refreshes the value of SYNCOUT.
It is also possible to enter a value into SYNCIN (Bits [4:3] of SPI
Register 0x16). When external mode is enabled, the logic oper-
ates as expected, except that the quadrant value in SYNCIN is
used following an update. This can be used to align delays
between multiple device outputs.
Operating With SPI Disabled
If the SPI_DIS pin is connected high to ADVDD and the SPI is
disabled, the sync logic is placed into manual mode.
SYNCALRM status can then be monitored in hardware via the
unused SPI pin SDO (54), and SYNCUPD requests can be
entered in hardware via the unused SPI pin SCLK (56). If these
two pins are connected together, fully automatic sync operation
can be achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com