Electronic Components Datasheet Search
  English  ▼

X  

AD9726-EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9726-EBZ
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726-EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9726-EBZ Datasheet HTML 5Page - Analog Devices AD9726-EBZ Datasheet HTML 6Page - Analog Devices AD9726-EBZ Datasheet HTML 7Page - Analog Devices AD9726-EBZ Datasheet HTML 8Page - Analog Devices AD9726-EBZ Datasheet HTML 9Page - Analog Devices AD9726-EBZ Datasheet HTML 10Page - Analog Devices AD9726-EBZ Datasheet HTML 11Page - Analog Devices AD9726-EBZ Datasheet HTML 12Page - Analog Devices AD9726-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD9726
Rev. B | Page 9 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
REXT
3
CLKVDD
4
CLKGND
7
CLKGND
6
CLK–
5
CLK+
1
CLKVDD
8
DGND
9
DVDD
10
DB15+
12
DB14+
13
DB14–
14
DB13+
15
DB13–
16
DB12+
17
DB12–
18
DB11+
19
DB11–
20
DBVDD
11
DB15–
59
58
57
54
55
56
60
53
52
REFIO
RESET
CSB
SDO (SYNCALRM)
SDIO
SCLK (SYNCUPD)
FSADJ
DGND
DVDD
51
DB0–
49
DB1–
48
DB1+
47
DB2–
46
DB2+
45
DB3–
44
DB3+
43
DB4–
42
DB4+
DBGND
41
50
DB0+
PIN 1
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
AD9726
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD SHOULD BE CONNECTED TO GROUND FOR ELECTRICAL AND THERMAL PURPOSES.
Figure 7. Pin Configuration
Table 7. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
CLKVDD
Clock Supply Voltage
2
REXT
Sets Data Clock Output Drive1
3
CLKVDD
Clock Supply Voltage
4
CLKGND
Clock Supply Common
5
CLK+
DAC Clock Input True
6
CLK−
DAC Clock Input Complement
7
CLKGND
Clock Supply Common
8
DGND
Digital Supply Common
9
DVDD
Digital Supply Voltage
10
DB15+
Data Bit 15 True
11
DB15−
Data Bit 15 Complement
12
DB14+
Data Bit 14 True
13
DB14−
Data Bit 14 Complement
14
DB13+
Data Bit 13 True
15
DB13−
Data Bit 13 Complement
16
DB12+
Data Bit 12 True
17
DB12−
Data Bit 12 Complement
18
DB11+
Data Bit 11 True
19
DB11−
Data Bit 11 Complement
20
DBVDD
Data Bus Supply Voltage
21
DBGND
Data Bus Supply Common
Pin
No.
Mnemonic
Description
22
DB10+
Data Bit 10 True
23
DB10−
Data Bit 10 Complement
24
DB9+
Data Bit 9 True
25
DB9−
Data Bit 9 Complement
26
DB8+
Data Bit 8 True
27
DB8−
Data Bit 8 Complement
28
DCLK_OUT+
Data Clock Output True
29
DCLK_OUT−
Data Clock Output Complement
30
DBVDD
Data Bus Supply Voltage
31
DBGND
Data Bus Supply Common
32
DCLK_IN+
Data Clock Input True
33
DCLK_IN−
Data Clock Input Complement
34
DB7+
Data Bit 7 True
35
DB7−
Data Bit 7 Complement
36
DB6+
Data Bit 6 True
37
DB6−
Data Bit 6 Complement
38
DB5+
Data Bit 5 True
39
DB5−
Data Bit 5 Complement
40
DBVDD
Data Bus Supply Voltage
41
DBGND
Data Bus Supply Common
42
DB4+
Data Bit 4 True



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com