Electronic Components Datasheet Search
  English  ▼

X  

AD9517-3ABCPZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9517-3ABCPZ
Description  12-Output Clock Generator with Integrated 2.0 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-3ABCPZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9517-3ABCPZ Datasheet HTML 24Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 25Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 26Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 27Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 28Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 29Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 30Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 31Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
AD9517-3
Data Sheet
Rev. E | Page 28 of 80
THEORY OF OPERATION
OPERATIONAL CONFIGURATIONS
The AD9517 can be configured in several ways. These
configurations must be set up by loading the control registers
(see Table 52 and Table 53 through Table 62). Each section or
function must be individually programmed by setting the
appropriate bits in the corresponding control register or registers.
High Frequency Clock Distribution—CLK or External
VCO > 1600 MHz
The AD9517 power-up default configuration has the PLL
powered off and the routing of the input set so that the
CLK/CLK input is connected to the distribution section
through the VCO divider (divide-by-2/divide-by-3/divide-by-4/
divide-by-5/divide-by-6). This is a distribution-only mode that
allows for an external input up to 2400 MHz (see Table 3). The
maximum frequency that can be applied to the channel dividers
is 1600 MHz; therefore, higher input frequencies must be
divided down before reaching the channel dividers. This input
routing can also be used for lower input frequencies, but the
minimum divide is 2 before the channel dividers.
When the PLL is enabled, this routing also allows the use of the
PLL with an external VCO or VCXO with a frequency of less
than 2400 MHz. In this configuration, the internal VCO is not
used, and is powered off. The external VCO/VCXO feeds
directly into the prescaler.
The register settings shown in Table 21 are the default values of
these registers at power-up or after a reset operation. If the
contents of the registers are altered by prior programming after
power-up or reset, these registers can also be set intentionally to
these values.
After the appropriate register values are programmed,
Register 0x232 must be set to 0x01 for the values to take effect.
Table 21. Default Settings of Some PLL Registers
Register
Function
0x010[1:0] = 01b
PLL asynchronous power-down (PLL off).
0x1E0[2:0] = 010b
Set VCO divider = 4.
0x1E1[0] = 0b
Use the VCO divider.
0x1E1[1] = 0b
CLK selected as the source.
When using the internal PLL with an external VCO, the PLL
must be turned on.
Table 22. Settings When Using an External VCO
Register
Function
0x010[1:0] = 00b
PLL normal operation (PLL on).
0x010 to 0x01D
PLL settings. Select and enable a reference
input; set R, N (P, A, B), PFD polarity, and ICP,
according to the intended loop configuration.
0x1E1[1] = 0b
CLK selected as the source
An external VCO requires an external loop filter that must be
connected between CP and the tuning pin of the VCO. This
loop filter determines the loop bandwidth and stability of the
PLL. Make sure to select the proper PFD polarity for the VCO
being used.
Table 23. Setting the PFD Polarity
Register
Function
0x010[7] = 0b
PFD polarity positive (higher control voltage
produces higher frequency).
0x010[7] = 1b
PFD polarity negative (higher control
voltage produces lower frequency).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com