Electronic Components Datasheet Search
  English  ▼

X  

AD9517-3ABCPZ Datasheet(PDF) 73 Page - Analog Devices

Part # AD9517-3ABCPZ
Description  12-Output Clock Generator with Integrated 2.0 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-3ABCPZ Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9517-3ABCPZ Datasheet HTML 69Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 70Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 71Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 72Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 73Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 74Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 75Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 76Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
Data Sheet
AD9517-3
Rev. E | Page 73 of 80
Reg.
Addr.
(Hex)
Bits
Name
Description
0x197
4
Divider 1 start high
Selects clock output to start high or start low.
0: starts low (default).
1: starts high.
[3:0]
Divider 1 phase offset
Phase offset (default = 0x0).
0x198
1
Divider 1 direct to output
Connects OUT2 and OUT3 to Divider 2 or directly to VCO or CLK.
0: OUT2 and OUT3 are connected to Divider 1 (default).
1: If Register 0x1E1[1:0] = 10b, the VCO is routed directly to OUT2 and OUT3.
If Register 0x1E1[1:0] = 00b, the CLK is routed directly to OUT2 and OUT3.
If Register 0x1E1[1:0] = 01b, there is no effect.
0
Divider 1 DCCOFF
Duty-cycle correction function.
0: enables duty-cycle correction (default).
1: disables duty-cycle correction.
Table 59. LVDS/CMOS Channel Dividers
Reg.
Addr.
(Hex)
Bits
Name
Description
0x199
[7:4]
Low Cycles Divider 2.1
Number of clock cycles (minus 1) of 2.1 divider input during which 2.1 output stays low.
A value of 0x0 means that the divider is low for one input clock cycle (default = 0x0).
[3:0]
High Cycles Divider 2.1
Number of clock cycles (minus 1) of 2.1 divider input during which 2.1 output stays high.
A value of 0x0 means that the divider is high for one input clock cycle (default = 0x0).
0x19A
[7:4]
Phase Offset Divider 2.2
Refer to LVDS/CMOS channel divider function description (default = 0x0).
[3:0]
Phase Offset Divider 2.1
Refer to LVDS/CMOS channel divider function description (default = 0x0).
0x19B
[7:4]
Low Cycles Divider 2.2
Number of clock cycles (minus 1) of 2.2 divider input during which 2.2 output stays low.
A value of 0x0 means that the divider is low for one input clock cycle (default = 0x0).
[3:0]
High Cycles Divider 2.2
Number of clock cycles (minus 1)of 2.2 divider input during which 2.2 output stays high.
A value of 0x0 means that the divider is high for one input clock cycle (default = 0x0).
0x19C
5
Bypass Divider 2.2
Bypasses (and powers down) 2.2 divider logic, routes clock to 2.2 output.
0: does not bypass (default).
1: bypasses.
4
Bypass Divider 2.1
Bypasses (and powers down) 2.1 divider logic, routes clock to 2.1 output.
0: does not bypass (default).
1: bypasses.
3
Divider 2 nosync
No sync.
0: obeys chip-level SYNC signal (default).
1: ignores chip-level SYNC signal.
2
Divider 2 force high
Forces Divider 2 output high. Requires that nosync also be set.
0: forces low (default).
1: forces high.
1
Start High Divider 2.2
Divider 2.2 start high/low.
0: starts low (default).
1: starts high.
0
Start High Divider 2.1
Divider 2.1 start high/low.
0: starts low (default).
1: starts high.
0x19D
0
Divider 2 DCCOFF
Duty-cycle correction function.
0: enables duty-cycle correction (default).
1: disables duty-cycle correction.
0x19E
[7:4]
Low Cycles Divider 3.1
Number of clock cycles (minus 1) of 3.1 divider input during which 3.1 output stays low.
A value of 0x0 means that the divider is low for one input clock cycle (default = 0x0).
[3:0]
High Cycles Divider 3.1
Number of clock cycles (minus 1) of 3.1 divider input during which 3.1 output stays high.
A value of 0x0 means that the divider is high for one input clock cycle (default = 0x0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com