Electronic Components Datasheet Search
  English  ▼

X  

AD9517-3ABCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9517-3ABCPZ
Description  12-Output Clock Generator with Integrated 2.0 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-3ABCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9517-3ABCPZ Datasheet HTML 16Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 17Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 18Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 19Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 20Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 21Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 22Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 23Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
AD9517-3
Data Sheet
Rev. E | Page 20 of 80
TYPICAL PERFORMANCE CHARACTERISTICS
240
100
120
140
160
180
200
220
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
2 CHANNELS—4 LVPECL
2 CHANNELS—2 LVPECL
1 CHANNEL—1 LVPECL
Figure 7. Current vs. Frequency, Direct to Output, LVPECL Outputs
180
160
140
120
100
80
0
200
400
600
800
FREQUENCY (MHz)
1 CHANNEL—1 LVDS
2 CHANNELS—2 LVDS
2 CHANNELS—4 LVDS
Figure 8. Current vs. Frequency—LVDS Outputs
(Includes Clock Distribution Current Draw)
240
200
160
220
180
140
120
100
80
0
250
200
150
100
50
FREQUENCY (MHz)
1 CHANNEL—2 CMOS
1 CHANNEL—1 CMOS
2 CHANNELS—2 CMOS
2 CHANNELS—8 CMOS
Figure 9. Current vs. Frequency—CMOS Outputs
70
65
60
55
50
45
40
35
30
25
1.7
1.8
1.9
2.0
2.1
2.2
2.3
VCO FREQUENCY (GHz)
Figure 10. VCO KVCO vs. Frequency
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VOLTAGE ON CP PIN (V)
PUMP DOWN
PUMP UP
Figure 11. Charge Pump Characteristics at VCP = 3.3 V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
3.0
4.0
2.5
3.5
5.0
4.5
VOLTAGE ON CP PIN (V)
PUMP DOWN
PUMP UP
Figure 12. Charge Pump Characteristics at VCP = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com