Electronic Components Datasheet Search
  English  ▼

X  

AD9517-3ABCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9517-3ABCPZ
Description  12-Output Clock Generator with Integrated 2.0 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-3ABCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9517-3ABCPZ Datasheet HTML 19Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 20Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 21Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 22Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 23Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 24Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 25Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 26Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
Data Sheet
AD9517-3
Rev. E | Page 23 of 80
1600
800
1000
1200
1400
0
3
2
1
FREQUENCY (GHz)
Figure 25. LVPECL Differential Swing vs. Frequency
Using a Differential Probe Across the Output Pair
700
500
600
0
800
700
600
500
400
300
200
100
FREQUENCY (MHz)
Figure 26. LVDS Differential Swing vs. Frequency
Using a Differential Probe Across the Output Pair
3
2
1
0
0
600
500
400
300
200
100
OUTPUT FREQUENCY (MHz)
CL = 2pF
CL = 10pF
CL = 20pF
Figure 27. CMOS Output Swing vs. Frequency and Capacitive Load
–80
–90
–100
–110
–120
–130
–140
–150
10k
100M
10M
1M
100k
FREQUENCY (Hz)
Figure 28. Internal VCO Phase Noise (Absolute) Direct to LVPECL at 2250 MHz
10k
100M
10M
1M
100k
FREQUENCY (Hz)
–80
–90
–100
–110
–120
–130
–140
–150
Figure 29. Internal VCO Phase Noise (Absolute) Direct to LVPECL at 2000 MHz
10k
100M
10M
1M
100k
FREQUENCY (Hz)
–80
–90
–100
–110
–120
–130
–140
–150
Figure 30. Internal VCO Phase Noise (Absolute) Direct to LVPECL at 1750 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com