Electronic Components Datasheet Search
  English  ▼

X  

AD9517-3ABCPZ Datasheet(PDF) 72 Page - Analog Devices

Part # AD9517-3ABCPZ
Description  12-Output Clock Generator with Integrated 2.0 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-3ABCPZ Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9517-3ABCPZ Datasheet HTML 68Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 69Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 70Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 71Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 72Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 73Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 74Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 75Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
AD9517-3
Data Sheet
Rev. E | Page 72 of 80
Reg.
Addr.
(Hex)
Bits
Name
Description
0x143
[2:1]
OUT7 LVDS output current
Sets output current level in LVDS mode. This has no effect in CMOS mode.
2
1
Current (mA)
Recommended Termination (Ω)
0
0
1.75
100
0
1
3.5
100 (default)
1
0
5.25
50
1
1
7
50
0
OUT7 power-down
Powers down output (LVDS/CMOS).
0: power on.
1: power off (default).
Table 58. LVPECL Channel Dividers
Reg.
Addr.
(Hex)
Bits
Name
Description
0x190
[7:4]
Divider 0 low cycles
Number of clock cycles (minus 1) of the divider input during which divider output stays
low. A value of 0x0 means that the divider is low for one input clock cycle (default = 0x0).
[3:0]
Divider 0 high cycles
Number of clock cycles (minus 1) of the divider input during which divider output stays
high. A value of 0x0 means that the divider is high for one input clock cycle (default = 0x0).
0x191
7
Divider 0 bypass
Bypasses and powers down the divider; routes input to divider output.
0: uses divider.
1: bypasses divider (default).
6
Divider 0 nosync
No sync.
0: obeys chip-level SYNC signal (default).
1: ignores chip-level SYNC signal.
5
Divider 0 force high
Forces divider output to high. This requires that nosync (Bit 6) also be set.
0: divider output forced to low (default).
1: divider output forced to high.
4
Divider 0 start high
Selects clock output to start high or start low.
0: starts low (default).
1: starts high.
[3:0]
Divider 0 phase offset
Phase offset (default = 0x0).
0x192
1
Divider 0 direct to output
Connects OUT0 and OUT1 to Divider 0 or directly to VCO or CLK.
0: OUT0 and OUT1 are connected to Divider 0 (default).
1: If Register 0x1E1[1:0] = 10b, the VCO is routed directly to OUT0 and OUT1.
If Register 0x1E1[1:0] = 00b, the CLK is routed directly to OUT0 and OUT1.
If Register 0x1E1[1:0] = 01b, there is no effect.
0
Divider 0 DCCOFF
Duty-cycle correction function.
0: enables duty-cycle correction (default).
1: disables duty-cycle correction.
0x196
[7:4]
Divider 1 low cycles
Number of clock cycles of the divider input during which divider output stays low.
A value of 0x0 means that the divider is low for one input clock cycle (default = 0x0).
[3:0]
Divider 1 high cycles
Number of clock cycles (minus 1) of the divider input during which divider output stays
high. A value of 0x0 means that the divider is high for one input clock cycle (default = 0x0).
0x197
7
Divider 1 bypass
Bypasses and powers down the divider; routes input to divider output.
0: uses divider (default).
1: bypasses divider.
6
Divider 1 nosync
No sync.
0: obeys chip-level SYNC signal (default).
1: ignores chip-level SYNC signal.
5
Divider 1 force high
Forces divider output to high. This requires that nosync (Bit 6) also be set.
0: divider output forced to low (default).
1: divider output forced to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com