Electronic Components Datasheet Search
  English  ▼

X  

AD9517-3ABCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9517-3ABCPZ
Description  12-Output Clock Generator with Integrated 2.0 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-3ABCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9517-3ABCPZ Datasheet HTML 28Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 29Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 30Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 31Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 32Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 33Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 34Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 35Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
AD9517-3
Data Sheet
Rev. E | Page 32 of 80
Clock Distribution or External VCO < 1600 MHz
When the external clock source to be distributed or the external
VCO/VCXO is less than 1600 MHz, a configuration that bypasses
the VCO divider can be used. This configuration differs from
the High Frequency Clock Distribution—CLK or External VCO
> 1600 MHz section only in that the VCO divider (divide-by-2,
divide-by-3, divide-by-4, divide-by-5, and divide-by-6) is bypassed.
This limits the frequency of the clock source to <1600 MHz (due
to the maximum input frequency allowed at the channel dividers).
Configuration and Register Settings
For clock distribution applications where the external clock is
<1600 MHz, use the register settings that are shown in Table 25.
Table 25. Settings for Clock Distribution < 1600 MHz
Register
Function
0x010[1:0] = 01b
PLL asynchronous power-down (PLL off)
0x1E1[0] = 1b
Bypass the VCO divider as source for
distribution section
0x1E1[1] = 0b
CLK selected as the source
When using the internal PLL with an external VCO of <1600 MHz,
the PLL must be turned on.
Table 26. Settings for Using Internal PLL with External VCO <
1600 MHz
Register
Function
0x1E1[0] = 1b
Bypass the VCO divider as source for
distribution section
0x010[1:0] = 00b
PLL normal operation (PLL on) along with
other appropriate PLL settings in Register 0x010
to Register 0x01D
An external VCO/VCXO requires an external loop filter that
must be connected between CP and the tuning pin of the
VCO/VCXO. This loop filter determines the loop bandwidth
and stability of the PLL. Make sure to select the proper PFD
polarity for the VCO/VCXO being used.
Table 27. Setting the PFD Polarity
Register
Function
0x010[7] = 0b
PFD polarity positive (higher control voltage
produces higher frequency)
0x010[7] = 1b
PFD polarity negative (higher control voltage
produces lower frequency)
After the appropriate register values are programmed,
Register 0x232 must be set to 0x01 for the values to take effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com