Electronic Components Datasheet Search
  English  ▼

X  

AD9517-3ABCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9517-3ABCPZ
Description  12-Output Clock Generator with Integrated 2.0 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-3ABCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9517-3ABCPZ Datasheet HTML 17Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 18Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 19Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 20Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 21Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 22Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 23Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 24Page - Analog Devices AD9517-3ABCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Data Sheet
AD9517-3
Rev. E | Page 21 of 80
–140
–145
–150
–155
–160
–165
–170
0.1
1
100
10
PFD FREQUENCY (MHz)
Figure 13. PFD Phase Noise Referred to PFD Input vs. PFD Frequency
–210
–224
–222
–220
–218
–216
–214
–212
0
2.5
2.0
1.5
1.0
0.5
SLEW RATE (V/ns)
Figure 14. PLL Figure of Merit (FOM) vs. Slew Rate at REFIN/REFIN
1.9
1.7
1.5
1.3
1.1
0.9
1.7
1.8
1.9
2.0
2.1
2.2
2.3
VCO FREQUENCY (GHz)
Figure 15. VCO Tuning Voltage vs. Frequency
(Note that VCO calibration centers the dc tuning voltage
for the PLL setup that is active during calibration.)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
0
CENTER 122.88MHz
SPAN 50MHz
5MHz/DIV
Figure 16. PFD/CP Spurs; 122.88 MHz; PFD = 15.36 MHz;
LBW = 127 kHz; ICP = 3.0 mA; fVCO = 2.21 GHz
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
0
CENTER 122.88MHz
SPAN 1MHz
100kHz/DIV
Figure 17. Output Spectrum, LVPECL; 122.88 MHz; PFD = 15.36 MHz;
LBW = 127 kHz; ICP = 3.0 mA; fVCO = 2.21 GHz
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
0
CENTER 122.88MHz
SPAN 1MHz
100kHz/DIV
Figure 18. Output Spectrum, LVDS; 122.88 MHz; PFD = 15.36 MHz;
LBW = 127 kHz; ICP = 3.0 mA; fVCO = 2.21 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com