Electronic Components Datasheet Search
  English  ▼

X  

THS3115CD Datasheet(PDF) 2 Page - Texas Instruments

Part # THS3115CD
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3115CD Datasheet(HTML) 2 Page - Texas Instruments

  THS3115CD Datasheet HTML 1Page - Texas Instruments THS3115CD Datasheet HTML 2Page - Texas Instruments THS3115CD Datasheet HTML 3Page - Texas Instruments THS3115CD Datasheet HTML 4Page - Texas Instruments THS3115CD Datasheet HTML 5Page - Texas Instruments THS3115CD Datasheet HTML 6Page - Texas Instruments THS3115CD Datasheet HTML 7Page - Texas Instruments THS3115CD Datasheet HTML 8Page - Texas Instruments THS3115CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
THS3112
THS3115
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
PACKAGED DEVICE
EVALUATION
TA
SOIC-8
SOIC-8 PowerPAD
SOIC-14
TSSOP-14
MODULES
(D)
(DDA)
(D)
(PWP)
0°C to +70°C
THS3112CD
THS3112CDDA
THS3115CD
THS3115CPWP
THS3112EVM
THS3115EVM
40°C to +85°C
THS3112ID
THS3112IDDA
THS3115ID
THS3115IPWP
(1)
For the most current specification and package information, refer to the Package Option Addendum located at the end of this data sheet
or see the TI web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature (unless otherwise noted).
UNIT
Supply voltage, VCC+ to VCC–
33 V
Input voltage
±VCC
Output current (see (2))
275 mA
Differential input voltage
±4 V
Maximum junction temperature
+150°C
Total power dissipation at (or below) +25°C free-air temperature
See Dissipation Ratings Table
Commercial
0°C to +70°C
Operating free-air temperature, TA
Industrial
–40°C to +85°C
Commercial
–65°C to +125°C
Storage temperature, Tstg
Industrial
–65°C to +125°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The THS3122 and THS3125 may incorporate a PowerPAD™ on the underside of the chip. This pad acts as a heatsink and must be
connected to a thermally dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction
temperature which could permanently damage the device. See TI Technical Brief SLMA002 for more information about utilizing the
PowerPAD™ thermally-enhanced package.
DISSIPATION RATINGS TABLE
TA = +25°C
PACKAGE
qJA
POWER RATING
D-8
95°C/W(1)
1.32 W
DDA
67°C/W
1.87 W
D-14
66.6°C/W(1)
1.88 W
PWP
37.5°C/W
3.3 W
(1)
These data were taken using the JEDEC proposed high-K test PCB.
For the JEDEC low-K test PCB, the qJA is 168°C/W for the D-8
package and 122.3°C/W for the D-14 package.
2
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): THS3112 THS3115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com