Electronic Components Datasheet Search
  English  ▼

X  

THS3115CD Datasheet(PDF) 1 Page - Texas Instruments

Part # THS3115CD
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3115CD Datasheet(HTML) 1 Page - Texas Instruments

  THS3115CD Datasheet HTML 1Page - Texas Instruments THS3115CD Datasheet HTML 2Page - Texas Instruments THS3115CD Datasheet HTML 3Page - Texas Instruments THS3115CD Datasheet HTML 4Page - Texas Instruments THS3115CD Datasheet HTML 5Page - Texas Instruments THS3115CD Datasheet HTML 6Page - Texas Instruments THS3115CD Datasheet HTML 7Page - Texas Instruments THS3115CD Datasheet HTML 8Page - Texas Instruments THS3115CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
THS3112
SOIC (D) AND
SOIC PowerPAD
(DDA) PACKAGE
(TOP VIEW)
™
1
2
3
4
8
7
6
5
1 OUT
2 OUT
1 IN-
2 IN-
1 IN+
2 IN+
V
CC-
V
CC+
THS3115
SOIC (D) AND
TSSOP PowerPAD
(PWP) PACKAGE
(TOP VIEW)
™
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1 OUT
2 OUT
1 IN-
2 IN-
1 IN+
2 IN+
V
CC-
V
CC+
N/C
N/C
N/C
N/C
REF
SHUTDOWN
1
10
100
10
100
1 k
10 k
100 k
VOLTAGE NOISE AND CURRENT NOISE
vs
FREQUENCY
V
= 5 V to 15 V
T = +25 C
CC
A
±
°
±
I
n-
I
n+
V
n
f
Frequency
Hz
-
-
THS3112
THS3115
www.ti.com
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
Check for Samples: THS3112, THS3115
1
FEATURES
APPLICATIONS
•
Communication Equipment
23
•
Low Noise:
•
Video Distribution
–
2.9-pA/
√Hz Noninverting Current Noise
•
Motor Drivers
–
10.8-pA/
√Hz Inverting Current Noise
•
Piezo Drivers
–
2.2-nV/
√Hz Voltage Noise
•
Wide Supply Voltage Range: ±5 V to ± 15 V
DESCRIPTION
•
Wide Output Swing:
The THS3112/5 are low-noise, high-speed current
–
25-VPP Output Voltage, RL = 100 Ω, ±15-V
feedback amplifiers, ideal for any application requiring
Supply
high output current. The low noninverting current
•
High Output Current: 150 mA (Min)
noise of 2.9 pA/
√Hz and the low inverting current
noise of 10.8 pA/
√Hz increase signal-to-noise ratios
•
High Speed:
for enhanced signal resolution. The THS3112/5 can
–
110-MHz (–3-dB BW, G = 1, ±15 V)
operate from ±5-V to ±15-V supply voltages, while
–
1550-V/µs Slew Rate (G = 2, ±15 V)
drawing as little as 4.5 mA of supply current per
channel.
It
offers
low
–78-dBc
total
harmonic
•
Low Distortion (G = 2):
distortion driving 2 VPP into a 100-Ω load. The
–
–78 dBc (1 MHz, 2 VPP, 100-Ω Load)
THS3115 features a low-power shutdown mode,
•
Low-Power Shutdown (THS3115)
consuming only 300-mA shutdown quiescent current
per channel. The THS3112/5 are packaged in
–
300-µA Shutdown Quiescent Current per
standard SOIC, SOIC PowerPAD™, and TSSOP
Channel
PowerPAD packages.
•
Standard SOIC, SOIC PowerPAD™, and
TSSOP PowerPAD Packages
•
Evaluation Module Available
space
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS3115CD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
THS3115 BURR-BROWN-THS3115 Datasheet
371Kb / 14P
LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3115 TI-THS3115 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3115 TI2-THS3115 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results

Similar Description - THS3115CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
633Kb / 32P
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com