Electronic Components Datasheet Search
  English  ▼

X  

THS3115CD Datasheet(PDF) 6 Page - Texas Instruments

Part # THS3115CD
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3115CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3115CD Datasheet HTML 2Page - Texas Instruments THS3115CD Datasheet HTML 3Page - Texas Instruments THS3115CD Datasheet HTML 4Page - Texas Instruments THS3115CD Datasheet HTML 5Page - Texas Instruments THS3115CD Datasheet HTML 6Page - Texas Instruments THS3115CD Datasheet HTML 7Page - Texas Instruments THS3115CD Datasheet HTML 8Page - Texas Instruments THS3115CD Datasheet HTML 9Page - Texas Instruments THS3115CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
3
0
3
6
9
12
15
-
-
-
-
-
0.1
1
10
100
1000
f
Frequency
MHz
-
-
G=
1
V
=
5V
R =100
-
W
CC
L
±
R =560
F
W
R =750
F
W
R =1.2k
F
W
3
0
3
6
9
12
15
-
-
-
-
-
0.1
1
10
100
1000
f
Frequency
MHz
-
-
G=
1
V
=
15V
R =100
-
W
CC
L
±
R =560
F
W
R =750
F
W
R =1.2k
F
W
15
12
9
6
3
0
3
-
0.1
1
10
100
1000
f
Frequency
MHz
-
-
G=
4
V
=
15V
R =100
-
W
CC
L
±
R =560
F
W
R =430
F
W
R =750
F
W
15
12
9
6
3
0
3
-
0.1
1
10
100
1000
f
Frequency
MHz
-
-
G=
4
V
=
5V
R =100
-
W
CC
L
±
R =560
F
W
R =430
F
W
R =750
F
W
0.1
1
10
100
1000
f
Frequency
MHz
-
-
G=
8
V
=
5V
R =100
-
W
CC
L
±
R =750
F
W
R =200
F
W
R =430
F
W
21
18
15
12
9
6
3
0
0.1
1
10
100
1000
f
Frequency
MHz
-
-
G=
8
V
=
15V
R =100
-
W
CC
L
±
R =750
F
W
R =200
F
W
R =430
F
W
21
18
15
12
9
6
3
0
2
1
0
1
2
4
5
-
-
-3
-
-
-6
0.1
1
10
100
1000
f
Frequency
MHz
-
-
G=1
V
=
5V
R =100
CC
L
W
±
R =750
F
W
R =1.1k
F
W
R =1k
F
W
3
0
3
6
12
-
-
-9
-
0.1
1
10
100
1000
f
Frequency
MHz
-
-
G=1
V
=
15V
R =100
CC
L
W
±
R =750
F
W
R =1.1k
F
W
R =910
F
W
8
7
6
5
4
3
2
1
0
0.1
1
10
100
1000
f
Frequency
MHz
-
-
G=2
V
=
5V
R =100
CC
L
W
±
R =560
F
W
R =1k
F
W
R =750
F
W
THS3112
THS3115
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
SMALL-SIGNAL CLOSED-LOOP
SMALL-SIGNAL CLOSED-LOOP
SMALL-SIGNAL CLOSED-LOOP
GAIN
GAIN
GAIN
vs FREQUENCY
vs FREQUENCY
vs FREQUENCY
Figure 1.
Figure 2.
Figure 3.
SMALL-SIGNAL CLOSED-LOOP
SMALL-SIGNAL CLOSED-LOOP
SMALL-SIGNAL CLOSED-LOOP
GAIN
GAIN
GAIN
vs FREQUENCY
vs FREQUENCY
vs FREQUENCY
Figure 4.
Figure 5.
Figure 6.
SMALL-SIGNAL CLOSED-LOOP
SMALL-SIGNAL CLOSED-LOOP
SMALL-SIGNAL CLOSED-LOOP
GAIN
GAIN
GAIN
vs FREQUENCY
vs FREQUENCY
vs FREQUENCY
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): THS3112 THS3115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com