Electronic Components Datasheet Search
  English  ▼

X  

THS3115CD Datasheet(PDF) 11 Page - Texas Instruments

Part # THS3115CD
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3115CD Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3115CD Datasheet HTML 7Page - Texas Instruments THS3115CD Datasheet HTML 8Page - Texas Instruments THS3115CD Datasheet HTML 9Page - Texas Instruments THS3115CD Datasheet HTML 10Page - Texas Instruments THS3115CD Datasheet HTML 11Page - Texas Instruments THS3115CD Datasheet HTML 12Page - Texas Instruments THS3115CD Datasheet HTML 13Page - Texas Instruments THS3115CD Datasheet HTML 14Page - Texas Instruments THS3115CD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
THS3115
750 W
49.9 W
53.6
R
W
M
R
G
750 W
0.1
F
m
+
6.8
F
m
0.1
F
m
+
6.8
F
m
50-
Load
W
50-
Source
W
R
F
V
I
+V
S
-V
S
-15V
+15V
THS3115
750 W
49.9 W
49.9 W
750
R
W
G
0.1
F
m
+
6.8
F
m
0.1
F
m
+
6.8
F
m
50-
Load
W
50-
Source
W
R
F
V
I
+V
S
-V
S
-15V
+15V
THS3112
THS3115
www.ti.com
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
APPLICATION INFORMATION
Current-feedback amplifiers are highly dependent on
Maximum Slew Rate for Repetitive Signals
the feedback resistor RF for maximum performance
The THS3115 and THS3112 are recommended for
and stability. Table 1 shows the optimal gain setting
high slew rate pulsed applications where the internal
resistors RF and RG at different gains to give
nodes of the amplifier have time to stabilize between
maximum bandwidth with minimal peaking in the
pulses. It is recommended to have at least a 20-ns
frequency response. Higher bandwidths can be
delay between pulses.
achieved, at the expense of added peaking in the
frequency response, by using even lower values for
The THS3115 and THS3112 are not recommended
RF.
Conversely,
increasing
RF
decreases
the
for applications with repetitive signals (sine, square,
bandwidth, but stability is improved.
sawtooth, or other) that exceed 900 V/µs. Using the
part in these applications results in excessive current
Table 1. Recommended Resistor Values for
draw from the power supply and possible device
Optimum Frequency Response
damage.
THS3115 and THS3112 RF and RG VALUES FOR MINIMAL
For applications with high slew rate, repetitive signals,
PEAKING WITH RL = 50 Ω, ±5-V to ±15-V POWER SUPPLY
the THS3091 and THS3095 (single versions), or
GAIN (V/V)
RG (Ω)
RF (Ω)
THS3092
and
THS3096
(dual
versions)
are
1
—
1 k
recommended.
2
750
750
4
187
560
Wideband, Noninverting Operation
8
28.7
200
The THS3115 and THS3112 are unity gain stable
–1
750
750
100-MHz
current-feedback
operational
amplifiers,
designed to operate from a ±5-V to ±15-V power
–4
140
560
supply.
–8
53.6
430
Figure 39 shows the THS3115 in a noninverting gain
of 2-V/V configuration used to generate the typical
Wideband, Inverting Operation
characteristic curves. Most of the curves were
Figure 40 shows the THS3115 in a typical inverting
characterized using signal sources with 50-
Ω source
gain configuration designed for 50-
Ω input/output.
impedance and with measurement equipment that
presents a 50-
Ω load impedance.
Figure 40. Wideband, Inverting Gain
Configuration
Figure 39. Wideband, Noninverting Gain
Configuration
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS3112 THS3115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com