Electronic Components Datasheet Search
  English  ▼

X  

THS3115CD Datasheet(PDF) 16 Page - Texas Instruments

Part # THS3115CD
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3115CD Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS3115CD Datasheet HTML 12Page - Texas Instruments THS3115CD Datasheet HTML 13Page - Texas Instruments THS3115CD Datasheet HTML 14Page - Texas Instruments THS3115CD Datasheet HTML 15Page - Texas Instruments THS3115CD Datasheet HTML 16Page - Texas Instruments THS3115CD Datasheet HTML 17Page - Texas Instruments THS3115CD Datasheet HTML 18Page - Texas Instruments THS3115CD Datasheet HTML 19Page - Texas Instruments THS3115CD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
DIE
DIE
Thermal
Pad
(a) SideView
(c) BottomView
(b) EndView
THS3112
THS3115
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
www.ti.com
•
Connections to other wideband devices on the
•
Socketing a high-speed device such as the
board may be made with short direct traces or
THS3115 and THS3112 is not recommended. The
through onboard transmission lines. For short
additional lead length and pin-to-pin capacitance
connections, consider the trace and the input to
introduced by the socket can create an extremely
the next device as a lumped capacitive load.
troublesome parasitic network which can make it
Relatively wide traces [0.05 inch (1,3 mm) to 0.1
almost impossible to achieve a smooth, stable
inch (2,54 mm)] should be used, preferably with
frequency response. Best results are obtained by
ground and power planes opened up around
soldering
the
THS3115/THS3112
amplifiers
them. Estimate the total capacitive load and
directly onto the board.
determine if isolation resistors on the outputs are
necessary. Low parasitic capacitive loads (less
PowerPAD™ Design Considerations
than 4 pF) may not need an RS because the
The THS3115 and THS3112 are available in a
THS3115
and
THS3112
are
nominally
thermally-enhanced PowerPAD family of packages.
compensated to operate with a 2-pF parasitic
These packages are constructed using a downset
load. Higher parasitic capacitive loads without an
leadframe upon which the die is mounted [see
RS are allowed as the signal gain increases (thus
Figure 50(a) and Figure 50(b)]. This arrangement
increasing the unloaded phase margin). If a long
results in the lead frame being exposed as a thermal
trace is required, and the 6-dB signal loss intrinsic
pad
on
the
underside
of
the
package
[see
to
a
doubly-terminated
transmission
line
is
Figure 50(c)]. Because this thermal pad has direct
acceptable,
implement
a
matched-impedance
thermal contact with the die, excellent thermal
transmission line using microstrip or stripline
performance can be achieved by providing a good
techniques (consult an ECL design handbook for
thermal path away from the thermal pad. Note that
microstrip and stripline layout techniques). A 50-
Ω
devices such as the THS311x have no electrical
environment is not necessary onboard, and in
connection between the PowerPAD and the die.
fact, a higher impedance environment improves
distortion as shown in the distortion versus load
plots. With a characteristic board trace impedance
based on board material and trace dimensions, a
matching series resistor into the trace from the
output of the THS3115/THS3112 is used as well
as a terminating shunt resistor at the input of the
destination
device.
Remember
also
that
the
terminating impedance is the parallel combination
of the shunt resistor and the input impedance of
Figure 50. Views of Thermally-Enhanced Package
the
destination
device:
this
total
effective
impedance should be set to match the trace
impedance.
If
the
6-dB
attenuation
of
a
The PowerPAD package allows for both assembly
doubly-terminated
transmission
line
is
and thermal management in one manufacturing
unacceptable,
a
long
trace
can
be
operation. During the surface-mount solder operation
series-terminated at the source end only. Treat
(when the leads are being soldered), the thermal pad
the trace as a capacitive load in this case. This
can also be soldered to a copper area underneath the
configuration does not preserve signal integrity as
package. Through the use of thermal paths within this
well as a doubly-terminated line. If the input
copper area, heat can be conducted away from the
impedance of the destination device is low, there
package into either a ground plane or other heat
is some signal attenuation as a result of the
dissipating device.
voltage divider formed by the series output into
The PowerPAD package represents a breakthrough
the terminating impedance.
in combining the small area and ease of assembly of
surface
mount
with
the,
heretofore,
awkward
mechanical methods of heatsinking.
16
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): THS3112 THS3115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com