Electronic Components Datasheet Search
  English  ▼

X  

THS3115CD Datasheet(PDF) 14 Page - Texas Instruments

Part # THS3115CD
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3115CD Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS3115CD Datasheet HTML 10Page - Texas Instruments THS3115CD Datasheet HTML 11Page - Texas Instruments THS3115CD Datasheet HTML 12Page - Texas Instruments THS3115CD Datasheet HTML 13Page - Texas Instruments THS3115CD Datasheet HTML 14Page - Texas Instruments THS3115CD Datasheet HTML 15Page - Texas Instruments THS3115CD Datasheet HTML 16Page - Texas Instruments THS3115CD Datasheet HTML 17Page - Texas Instruments THS3115CD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
1nF
+V
S
R
G
24.9 W
+V
S
-V
S
5.11 W
R
F
R
G
24.9 W
+V
S
-V
S
5.11 W
R
F
49.9
R
W
G
+V
S
-V
S
-V
S
5.11 W
R
F
2R
G
+V
S
+V
S
-V
S
5.11 W
R
F
THS3112
THS3115
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
www.ti.com
Figure 48 shows a configuration that uses two
Saving Power with Shutdown Functionality
amplifiers in parallel to double the output drive current
and Setting Threshold Levels with the
to larger capacitive loads. This technique is used
Reference Pin
when more output current is needed to charge and
The
THS3115
features
a
shutdown
pin
discharge the load faster as when driving large FET
(SHUTDOWN) that lowers the quiescent current from
transistors.
4.9 mA/amp down to 300 µA/amp, ideal for reducing
system power.
The shutdown pin of the amplifier defaults to the REF
pin voltage in the absence of an applied voltage,
putting the amplifier in the normal on mode of
operation. To turn off the amplifier in an effort to
conserve power, the shutdown pin can be driven
towards the positive rail. The threshold voltages for
power-on and power-down (or shutdown) are relative
to the supply rails and are given in the Shutdown
Characteristics table. Below the Enable threshold
voltage, the device is on. Above the Disable threshold
voltage, the device is off. Behavior between these
threshold voltages is not specified.
Note that this shutdown functionality is self-defining:
the amplifier consumes less power in shutdown
mode. The shutdown mode is not intended to provide
a
high-impedance
output.
In
other
words,
the
shutdown functionality is not intended to allow use as
Figure 48. Parallel Amplifiers for Higher Output
a 3-state bus driver. When in shutdown mode, the
Drive
impedance looking back into the output of the
amplifier is dominated by the feedback and gain
setting resistors, but the output impedance of the
Figure 49 shows a push-pull FET driver circuit typical
device itself varies depending on the voltage applied
of ultrasound applications with isolation resistors to
to the outputs.
isolate the gate capacitance from the amplifier.
As with most current feedback amplifiers, the internal
architecture places some limitations on the system
when in shutdown mode. Most notably is the fact that
the amplifier actually turns on if there is a ±0.7 V or
greater difference between the two input nodes (IN+
and IN–) of the amplifier. If this difference exceeds
±0.7 V, the output of the amplifier creates an output
voltage equal to approximately [(IN+ – IN–) – 0.7V] ×
Gain. Also, if a voltage is applied to the output while
in shutdown mode, the IN– node voltage is equal to
VO(applied) × RG/(RF + RG) . For low gain configurations
and a large applied voltage at the output, the
amplifier may actually turn on because of the
behavior described here.
The time delays associated with turning the device on
and off are specified as the time it takes for the
amplifier to reach either 10% or 90% of the final
output voltage. The time delays are in the order of
microseconds because the amplifier moves in and out
Figure 49. PowerFET Drive Circuit
of the linear mode of operation in these transitions.
space
space
14
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): THS3112 THS3115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com