Electronic Components Datasheet Search
  English  ▼

X  

THS3115CD Datasheet(PDF) 10 Page - Texas Instruments

Part # THS3115CD
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3115CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS3115CD Datasheet HTML 6Page - Texas Instruments THS3115CD Datasheet HTML 7Page - Texas Instruments THS3115CD Datasheet HTML 8Page - Texas Instruments THS3115CD Datasheet HTML 9Page - Texas Instruments THS3115CD Datasheet HTML 10Page - Texas Instruments THS3115CD Datasheet HTML 11Page - Texas Instruments THS3115CD Datasheet HTML 12Page - Texas Instruments THS3115CD Datasheet HTML 13Page - Texas Instruments THS3115CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
2
15
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
V
SupplyVoltage
-
-
CC
±V
5
T =
40 C
-
A
°
3
4
6
7
8
9
10
11
12
13
14
T =+25 C
A
°
T =+85 C
A
°
0
1
2
3
4
5
6
7
8
9
10
t
Time
s
-
- m
5
4
3
2
1
0
2.0
1.5
1.0
0.5
0
V
=
5V
CC
±1
G=8
V =0.5
R =330
R =100
VDC
F
L
W
W
I
THS3112
THS3115
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT (PER CHANNEL)
vs SUPPLY VOLTAGE
SHUTDOWN RESPONSE
Figure 37.
Figure 38.
10
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): THS3112 THS3115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com