Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 1 Page - Analog Devices

  AD9249 Datasheet HTML 1Page - Analog Devices AD9249 Datasheet HTML 2Page - Analog Devices AD9249 Datasheet HTML 3Page - Analog Devices AD9249 Datasheet HTML 4Page - Analog Devices AD9249 Datasheet HTML 5Page - Analog Devices AD9249 Datasheet HTML 6Page - Analog Devices AD9249 Datasheet HTML 7Page - Analog Devices AD9249 Datasheet HTML 8Page - Analog Devices AD9249 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
16 Channel, 14-Bit,
65 MSPS, Serial LVDS, 1.8 V ADC
Data Sheet
AD9249
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power
16 ADC channels integrated into 1 package
58 mW per channel at 65 MSPS with scalable power options
35 mW per channel at 20 MSPS
SNR: 75 dBFS (to Nyquist); SFDR: 90 dBc (to Nyquist)
DNL: ±0.6 LSB (typical); INL: ±0.9 LSB (typical)
Crosstalk, worst adjacent channel, 10 MHz, −1 dBFS: −90 dB
typical
Serial LVDS (ANSI-644, default)
Low power, reduced signal option (similar to IEEE 1596.3)
Data and frame clock outputs
650 MHz full power analog bandwidth
2 V p-p input voltage range
1.8 V supply operation
Serial port control
Flexible bit orientation
Built in and custom digital test pattern generation
Programmable clock and data alignment
Power-down and standby modes
APPLICATIONS
Medical imaging
Communications receivers
Multichannel data acquisition
GENERAL DESCRIPTION
The AD9249 is a 16-channel, 14-bit, 65 MSPS analog-to-digital
converter (ADC) with an on-chip sample-and-hold circuit that
is designed for low cost, low power, small size, and ease of use.
The device operates at a conversion rate of up to 65 MSPS and
is optimized for outstanding dynamic performance and low power
in applications where a small package size is critical.
The ADC requires a single 1.8 V power supply and an LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. No external reference or driver components are
required for many applications.
The AD9249 automatically multiplies the sample rate clock for the
appropriate LVDS serial data rate. Data clock outputs (DCO±1,
DCO±2) for capturing data on the output and frame clock outputs
(FCO±1, FCO±2) for signaling a new output byte are provided.
Individual channel power-down is supported, and the device
typically consumes less than 2 mW when all channels are disabled.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
Figure 1.
The ADC contains several features designed to maximize
flexibility and minimize system cost, such as programmable
clock and data alignment and programmable digital test pattern
generation.
The available digital test patterns include built-in deterministic
and pseudorandom patterns, along with custom user-defined test
patterns entered via the serial port interface (SPI).
The AD9249 is available in an RoHS-compliant, 144-ball CSP-
BGA. It is specified over the industrial temperature range of −40°C
to +85°C. This product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1. Small Footprint. Sixteen ADCs are contained in a small,
10 mm × 10 mm package.
2. Low Power. 35 mW/channel at 20 MSPS with scalable power
options.
3. Ease of Use. Data clock outputs (DCO±1, DCO±2) operate
at frequencies of up to 455 MHz and support double data
rate (DDR) operation.
4. User Flexibility. SPI control offers a wide range of flexible
features to meet specific system requirements.
AD9249
AVDD
PDWN
DATA
RATE
MULTIPLIER
SERIAL PORT
INTERFACE
FCO+1, FCO+2
FCO–1, FCO–2
DCO+1, DCO+2
DCO–1, DCO–2
REF
SELECT
VREF
VCM1, VCM2
1.0V
SYNC
SENSE
RBIAS1,
RBIAS2
GND CSB1,
CSB2
CLK+ CLK–
SDIO/
DFS
SCLK/
DTP
DRVDD
VIN+A1
VIN–A1
ADC
SERIAL
LVDS
D+A1
D–A1
14
VIN+A2
VIN–A2
ADC
SERIAL
LVDS
D+A2
D–A2
14
VIN+H1
VIN–H1
ADC
SERIAL
LVDS
D+H1
D–H1
14
VIN+H2
VIN–H2
ADC
SERIAL
LVDS
D+H2
D–H2
14


Similar Part No. - AD9249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9249 AD-AD9249 Datasheet
1Mb / 37P
16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Rev. 0
AD9249-65EBZ AD-AD9249-65EBZ Datasheet
1Mb / 37P
16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Rev. 0
AD9249BBCZ-65 AD-AD9249BBCZ-65 Datasheet
1Mb / 37P
16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Rev. 0
AD9249BBCZRL7-65 AD-AD9249BBCZRL7-65 Datasheet
1Mb / 37P
16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Rev. 0
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Rev. 0
More results

Similar Description - AD9249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Rev. 0
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
125 MSPS, Serial LVDS 1.8 V ADC
23-Feb-2017
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com