Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9249 Datasheet HTML 25Page - Analog Devices AD9249 Datasheet HTML 26Page - Analog Devices AD9249 Datasheet HTML 27Page - Analog Devices AD9249 Datasheet HTML 28Page - Analog Devices AD9249 Datasheet HTML 29Page - Analog Devices AD9249 Datasheet HTML 30Page - Analog Devices AD9249 Datasheet HTML 31Page - Analog Devices AD9249 Datasheet HTML 32Page - Analog Devices AD9249 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
AD9249
Rev. 0 | Page 29 of 36
MEMORY MAP
The AD9249 uses a 3-wire (bidirectional SDIO) interface and 16-bit addressing. Therefore, Bit 0 and Bit 7 in Register 0x00 are set to 0,
and Bit 3 and Bit 4 are set to 1. When Bit 5 in Register 0x00 is set high, the SPI enters a soft reset where all of the user registers revert to
their default values and Bit 2 is automatically cleared.
Table 17. Memory Map Register Table
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Comments
Chip Configuration Registers
0x00
SPI port
configuration
0 = SDIO
active
LSB first
Soft reset
1 =
16-bit
address
1 =
16-bit
address
Soft reset
LSB first
0 = SDIO
active
0x18
Nibbles are
mirrored such
that a given
register value
yields the same
function for
either LSB first
mode or MSB
first mode.
0x01
Chip ID (global)
8-bit chip ID, Bits[7:0];
0x92 =
the AD9249, a 16-channel, 14-bit, 65 MSPS serial LVDS
Read
only;
0x92
Unique chip ID
used to differ-
entiate devices.
Read only.
0x02
Chip grade
(global)
Open
Speed grade ID, Bits[6:4];
011 = 65 MSPS
Open
Open
Open
Open
Read
only
Unique speed
grade ID used
to differentiate
graded devices.
Read only.
Device Index and Transfer Registers
0x04
Device Index 2
Open
Open
Open
Open
H1, H2
data
channels
G1, G2
data
channels
F1, F2
data
channels
E1, E2
data
channels
0x0F
Bits are set
to determine
which device
on chip
receives the
next write
command.
The default
is all devices
on chip.
0x05
Device Index 1
Open
Open
DCO±1,
DCO±2
clock
channels
FCO±1,
FCO±2
clock
channels
D1, D2
data
channels
C1, C2
data
channels
B1, B2
data
channels
A1, A2
data
channels
0x3F
Bits are set
to determine
which device
on chip
receives the
next write
command.
The default
is all devices
on chip.
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Initiate
override
0x00
Sets resolution/
sample rate
override.
Global ADC Function Registers
0x08
Power modes
(global)
Open
Open
External
power-
down pin
function;
0 = full
power-
down,
1 =
standby
Open
Open
Open
Internal power-down
mode, Bits[1:0];
00 = chip run
01 = full power-down
10 = standby
11 = digital reset
0x00
Determines
various
generic modes
of chip
operation.
0x09
Clock (global)
Open
Open
Open
Open
Open
Open
Open
Duty cycle
stabilizer;
0 = off
1 = on
0x01
Turns duty
cycle stabilizer
on or off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com