Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9249 Datasheet HTML 13Page - Analog Devices AD9249 Datasheet HTML 14Page - Analog Devices AD9249 Datasheet HTML 15Page - Analog Devices AD9249 Datasheet HTML 16Page - Analog Devices AD9249 Datasheet HTML 17Page - Analog Devices AD9249 Datasheet HTML 18Page - Analog Devices AD9249 Datasheet HTML 19Page - Analog Devices AD9249 Datasheet HTML 20Page - Analog Devices AD9249 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
AD9249
Rev. 0 | Page 17 of 36
THEORY OF OPERATION
The AD9249 is a multistage, pipelined ADC. Each stage
provides sufficient overlap to correct for flash errors in the
preceding stage. The quantized outputs from each stage are
combined into a final 14-bit result in the digital correction
logic. The serializer transmits this converted data in a 14-bit
output. The pipelined architecture permits the first stage to
operate with a new input sample while the remaining stages
operate with preceding samples. Sampling occurs on the rising
edge of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched capacitor DAC
and an interstage residue amplifier (for example, a multiplying
digital-to-analog converter (MDAC)). The residue amplifier
magnifies the difference between the reconstructed DAC output
and the flash input for the next stage in the pipeline. One bit of
redundancy is used in each stage to facilitate digital correction
of flash errors. The last stage simply consists of a flash ADC.
The output staging block aligns the data, corrects errors, and
passes the data to the output buffers. The data is then serialized
and aligned to the frame and data clocks.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9249 is a differential switched
capacitor circuit designed for processing differential input signals.
This circuit can support a wide common-mode range while
maintaining excellent performance. By using an input common-
mode voltage of midsupply, users can minimize signal dependent
errors and achieve optimum performance.
Figure 32. Switched Capacitor Input Circuit
The clock signal alternately switches the input circuit between
sample mode and hold mode (see Figure 32). When the input
circuit is switched to sample mode, the signal source must be
capable of charging the sample capacitors and settling within
one-half of a clock cycle. A small resistor, in series with each
input, can help reduce the peak transient current injected from
the output stage of the driving source. In addition, low Q inductors
or ferrite beads can be placed on each leg of the input to reduce
high differential capacitance at the analog inputs and, therefore,
achieve the maximum bandwidth of the ADC. Such use of low
Q inductors or ferrite beads is required when driving the converter
front end at high IF frequencies. Place either a differential capacitor
or two single-ended capacitors on the inputs to provide a matching
passive network. This configuration ultimately creates a low-pass
filter at the input to limit unwanted broadband noise. See the
AN-742 Application Note, Frequency Domain Response of
Switched-Capacitor ADCs; the AN-827 Application Note, A
Resonant Approach to Interfacing Amplifiers to Switched-
Capacitor ADCs; and the Analog Dialogue article “Transformer-
Coupled Front-End for Wideband A/D Converters” (Volume 39,
April 2005) for more information. In general, the precise values
vary, depending on the application.
Input Common Mode
The analog inputs of the AD9249 are not internally dc biased.
Therefore, in ac-coupled applications, the user must provide
this bias externally. For optimum performance, set the device
so that VCM = AVDD/2. However, the device can function over
a wider range with reasonable performance, as shown in
Figure 33.
An on-chip, common-mode voltage reference is included in the
design and is available at the VCMx pin. Decouple the VCMx pin
to ground using a 0.1 µF capacitor, as described in the Applications
Information section.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. In the case of the
AD9249, the largest available input span is 2 V p-p.
Figure 33. SNR/SFDR vs. Common-Mode Voltage,
fIN = 9.7 MHz, fSAMPLE = 65 MSPS
S
S
H
CPAR
CSAMPLE
CSAMPLE
CPAR
VIN– x
H
S
S
H
VIN+ x
H
110
20
30
40
50
60
70
80
90
100
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
VCM (V)
SNRFS (dBFS)
SFDR (dBc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com