Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 3 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 3 Page - SPANSION

  S25FS-S Datasheet HTML 1Page - SPANSION S25FS-S Datasheet HTML 2Page - SPANSION S25FS-S Datasheet HTML 3Page - SPANSION S25FS-S Datasheet HTML 4Page - SPANSION S25FS-S Datasheet HTML 5Page - SPANSION S25FS-S Datasheet HTML 6Page - SPANSION S25FS-S Datasheet HTML 7Page - SPANSION S25FS-S Datasheet HTML 8Page - SPANSION S25FS-S Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 154 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. The Preliminary status of this document indicates that product qual-
ification has been completed, and that initial production has begun. Due to the phases of the manufacturing process that require maintaining efficiency and quality, this document
may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication Number S25FS-S_00
Revision 04
Issue Date November 6, 2013
Features
 Density
– 128 Mbits (16 Mbytes)
– 256 Mbits (32 Mbytes)
 Serial Peripheral Interface (SPI)
– SPI Clock polarity and phase modes 0 and 3
– Double Data Rate (DDR) option
– Extended Addressing: 24- or 32-bit address options
– Serial Command subset and footprint compatible with S25FL-A,
S25FL-K, S25FL-P, and S25FL-S SPI families
– Multi I/O Command subset and footprint compatible with S25FL-P,
and S25FL-S SPI families
 Read
– Commands: Normal, Fast, Dual I/O, Quad I/O, DDR Quad I/O
– Modes: Burst Wrap, Continuous (XIP), QPI
– Serial Flash Discoverable Parameters (SFDP) and Common Flash
Interface (CFI), for configuration information
 Program
– 256- or 512-byte Page Programming buffer
– Program suspend and resume
 Erase
– Hybrid sector option
– Physical set of eight 4-kbyte sectors and one 32-kbyte sector at
the top or bottom of address space with all remaining sectors of
64 kbytes
– Uniform sector option
– Uniform 64-kbyte or 256-kbyte blocks for software compatibility
with higher density and future devices
– Erase suspend and resume
– Erase status evaluation
– 100,000 Program-Erase Cycles on any sector, minimum
– 20 Year Data Retention, typical
 Security Features
– One-Time Program (OTP) array of 1024 bytes
– Block Protection:
– Status Register bits to control protection against program or
erase of a contiguous range of sectors
– Hardware and software control options
– Advanced Sector Protection (ASP)
– Individual sector protection controlled by boot code or password
– Option for password control of read access
 Technology
– Spansion 65 nm MirrorBit Technology with Eclipse
™ Architecture
 Supply Voltage
– 1.7V to 2.0V
 Temperature Range
– Industrial (0
°C to +85°C)
– Automotive (–40
°C to +105°C)
 Packages (All Pb-Free)
– 8-lead SOIC 208 mil (SOC008) - FS128S only
– WSON 6x5 mm (WND008) - FS128S only
– WSON 6x8 mm (WNH008) - FS256S only
– 16-lead SOIC 300 mil (SO3016- FS256S only)
– BGA-24 6x8 mm
– 5x5 ball (FAB024) footprint
– 4x6 ball (FAC024) footprint
– Known Good Die, and Known Tested Die
S25FS-S Family
MirrorBit
® Flash Non-Volatile Memory
1.8-Volt Single Supply with CMOS I/O
Serial Peripheral Interface with Multi-I/O
S25FS128S 128 Mbit (16 Mbyte)
S25FS256S 256 Mbit (32 Mbyte)
Data Sheet (Preliminary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com