Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 32 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 32 Page - SPANSION

Back Button S25FS-S Datasheet HTML 28Page - SPANSION S25FS-S Datasheet HTML 29Page - SPANSION S25FS-S Datasheet HTML 30Page - SPANSION S25FS-S Datasheet HTML 31Page - SPANSION S25FS-S Datasheet HTML 32Page - SPANSION S25FS-S Datasheet HTML 33Page - SPANSION S25FS-S Datasheet HTML 34Page - SPANSION S25FS-S Datasheet HTML 35Page - SPANSION S25FS-S Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 154 page
background image
32
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
4.5
Data Protection
Some basic protection against unintended changes to stored data are provided and controlled purely by the
hardware design. These are described below. Other software managed protection methods are discussed in
the software section of this document.
4.5.1
Power-Up
When the core supply voltage is at or below the VDD (Low) voltage, the device is considered to be powered off.
The device does not react to external signals, and is prevented from performing any program or erase
operation. Program and erase operations continue to be prevented during the Power-On Reset (POR)
because no command is accepted until the exit from POR to the Interface Standby state.
4.5.2
Low Power
When VDD is less than VDD (Cut-off) the memory device will ignore commands to ensure that program and
erase operations can not start when the core supply voltage is out of the operating range.
4.5.3
Clock Pulse Count
The device verifies that all non-volatile memory and register data modifying commands consist of a clock
pulse count that is a multiple of eight bit transfers (byte boundary) before executing them. A command not
ending on an 8-bit (byte) boundary is ignored and no error status is set for the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com