Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 85 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 85 Page - SPANSION

Back Button S25FS-S Datasheet HTML 81Page - SPANSION S25FS-S Datasheet HTML 82Page - SPANSION S25FS-S Datasheet HTML 83Page - SPANSION S25FS-S Datasheet HTML 84Page - SPANSION S25FS-S Datasheet HTML 85Page - SPANSION S25FS-S Datasheet HTML 86Page - SPANSION S25FS-S Datasheet HTML 87Page - SPANSION S25FS-S Datasheet HTML 88Page - SPANSION S25FS-S Datasheet HTML 89Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
85
Da ta
Shee t
(Prelim i nar y )
10. Commands
All communication between the host system and S25FS-S family memory devices is in the form of units
called commands.
All commands begin with an instruction that selects the type of information transfer or device operation to be
performed. Commands may also have an address, instruction modifier, latency period, data transfer to the
memory, or data transfer from the memory. All instruction, address, and data information is transferred
sequentially between the host system and memory device.
Command protocols are also classified by a numerical nomenclature using three numbers to reference the
transfer width of three command phases:
 instruction;
 address and instruction modifier (mode);
 data.
Single bit wide commands start with an instruction and may provide an address or data, all sent only on the SI
signal. Data may be sent back to the host serially on the SO signal. This is referenced as a 1-1-1 command
protocol for single bit width instruction, single bit width address and modifier, single bit data.
Dual or Quad Input / Output (I/O) commands provide an address sent from the host as bit pairs on IO0 and
IO1 or, four bit (nibble) groups on IO0, IO1, IO2, and IO3. Data is returned to the host similarly as bit pairs on
IO0 and IO1 or, four bit (nibble) groups on IO0, IO1, IO2, and IO3. This is referenced as 1-2-2 for Dual I/O
and 1-4-4 for Quad I/O command protocols.
The S25FS-S family also supports a QPI Mode in which all information is transferred in 4-bit width, including
the instruction, address, modifier, and data. This is referenced as a 4-4-4 command protocol.
Commands are structured as follows:
 Each command begins with an eight bit (byte) instruction. However, some read commands are modified by
a prior read command, such that the instruction is implied from the earlier command. This is called
Continuous Read mode. When the device is in Continuous Read mode, the instruction bits are not
transmitted at the beginning of the command because the instruction is the same as the read command
that initiated the Continuous Read mode. In Continuous Read mode the command will begin with the read
address. Thus, Continuous Read mode removes eight instruction bits from each read command in a series
of same type read commands.
 The instruction may be stand alone or may be followed by address bits to select a location within one of
several address spaces in the device. The address may be either a 24-bit or 32-bit, byte boundary,
address.
 The Serial Peripheral Interface with Multiple IO provides the option for each transfer of address and data
information to be done one, two, or four bits in parallel. This enables a trade off between the number of
signal connections (IO bus width) and the speed of information transfer. If the host system can support a
two or four bit wide IO bus the memory performance can be increased by using the instructions that
provide parallel 2-bit (dual) or parallel 4-bit (quad) transfers.
 In legacy SPI Multiple IO mode, the width of all transfers following the instruction are determined by the
instruction sent. Following transfers may continue to be single bit serial on only the SI or Serial Output (SO)
signals, they may be done in two bit groups per (dual) transfer on the IO0 and IO1 signals, or they may be
done in 4-bit groups per (quad) transfer on the IO0-IO3 signals. Within the dual or quad groups the least
significant bit is on IO0. More significant bits are placed in significance order on each higher numbered IO
signal. Single bits or parallel bit groups are transferred in most to least significant bit order.
 In QPI Mode, the width of all transfers, including instructions, is a 4-bit wide (quad) transfer on the IO0-IO3
signals.
 Dual I/O and Quad I/O read instructions send an instruction modifier called mode bits, following the
address, to indicate that the next command will be of the same type with an implied, rather than an explicit,
instruction. The next command thus does not provide an instruction byte, only a new address and mode
bits. This reduces the time needed to send each command when the same command type is repeated in a
sequence of commands.
 The address or mode bits may be followed by write data to be stored in the memory device or by a read
latency period before read data is returned to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com