Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 30 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 30 Page - SPANSION

Back Button S25FS-S Datasheet HTML 26Page - SPANSION S25FS-S Datasheet HTML 27Page - SPANSION S25FS-S Datasheet HTML 28Page - SPANSION S25FS-S Datasheet HTML 29Page - SPANSION S25FS-S Datasheet HTML 30Page - SPANSION S25FS-S Datasheet HTML 31Page - SPANSION S25FS-S Datasheet HTML 32Page - SPANSION S25FS-S Datasheet HTML 33Page - SPANSION S25FS-S Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 154 page
background image
30
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
4.3.9
Single Latency (Dummy) Cycle
Read commands may have zero to several latency cycles during which read data is read from the main flash
memory array before transfer to the host. The number of latency cycles are determined by the Latency Code
in the Configuration Register (CR2V[3:0]). During the latency cycles, the host keeps RESET# high, CS# low.
The Write Protect (WP#) signal is ignored. The host may drive the SI signal during these cycles or the host
may leave SI floating. The memory does not use any data driven on SI / I/O0 or other I/O signals during the
latency cycles. The memory does not drive the Serial Output (SO) or I/O signals during the latency cycles.
The next interface state depends on the command structure i.e. the number of latency cycles, and whether
the read is single, dual, or quad width.
4.3.10
Single Output Cycle - Memory to Host Transfer
Several commands transfer information back to the host on the single Serial Output (SO) signal. The host
keeps RESET# high, CS# low. The Write Protect (WP#) signal is ignored. The memory ignores the Serial
Input (SI) signal. The memory drives SO with data.
The next interface state continues to be Single Output Cycle until the host returns CS# to high ending the
command.
4.3.11
Dual Input Cycle - Host to Memory Transfer
The Read Dual I/O command transfers two address or mode bits to the memory in each cycle. The host
keeps RESET# high, CS# low. The Write Protect (WP#) signal is ignored. The host drives address on SI / IO0
and SO / IO1.
The next interface state following the delivery of address and mode bits is a Dual Latency Cycle if there are
latency cycles needed or Dual Output Cycle if no latency is required.
4.3.12
Dual Latency (Dummy) Cycle
Read commands may have zero to several latency cycles during which read data is read from the main flash
memory array before transfer to the host. The number of latency cycles are determined by the Latency Code
in the Configuration Register (CR2V[3:0]). During the latency cycles, the host keeps RESET# high, CS# low.
The Write Protect (WP#) signal is ignored. The host may drive the SI / IO0 and SO / IO1 signals during these
cycles or the host may leave SI / IO0 and SO / IO1 floating. The memory does not use any data driven on
SI / IO0 and SO / IO1 during the latency cycles. The host must stop driving SI / IO0 and SO / IO1 on the
falling edge at the end of the last latency cycle. It is recommended that the host stop driving them during all
latency cycles so that there is sufficient time for the host drivers to turn off before the memory begins to drive
at the end of the latency cycles. This prevents driver conflict between host and memory when the signal
direction changes. The memory does not drive the SI / IO0 and SO / IO1 signals during the latency cycles.
The next interface state following the last latency cycle is a Dual Output Cycle.
4.3.13
Dual Output Cycle - Memory to Host Transfer
The Read Dual Output and Read Dual I/O return data to the host two bits in each cycle. The host keeps
RESET# high, CS# low. The Write Protect (WP#) signal is ignored. The memory drives data on the SI / IO0
and SO / IO1 signals during the Dual Output Cycles.
The next interface state continues to be Dual Output Cycle until the host returns CS# to high ending the
command.
4.3.14
Quad Input Cycle - Host to Memory Transfer
The Quad I/O Read command transfers four address or mode bits to the memory in each cycle. In QPI Mode
the Quad I/O Read and Page Program commands transfer four data bits to the memory in each cycle,
including the instruction cycles. The host keeps CS# low, and drives the IO signals.
For Quad I/O Read the next interface state following the delivery of address and mode bits is a Quad Latency
Cycle if there are latency cycles needed or Quad Output Cycle if no latency is required. For QPI Mode Page
Program, the host returns CS# high following the delivery of data to be programmed and the interface returns
to standby state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com