Electronic Components Datasheet Search
  English  ▼

X  

S25FS-S Datasheet(PDF) 53 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 53 Page - SPANSION

Back Button S25FS-S Datasheet HTML 49Page - SPANSION S25FS-S Datasheet HTML 50Page - SPANSION S25FS-S Datasheet HTML 51Page - SPANSION S25FS-S Datasheet HTML 52Page - SPANSION S25FS-S Datasheet HTML 53Page - SPANSION S25FS-S Datasheet HTML 54Page - SPANSION S25FS-S Datasheet HTML 55Page - SPANSION S25FS-S Datasheet HTML 56Page - SPANSION S25FS-S Datasheet HTML 57Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
53
Da ta
Shee t
(Prelim i nar y )
7.4.2
Physical Diagram
Figure 7.11 Ball Grid Array 24-Ball 6 x 8 mm (FAC024)
7.4.3
Special Handling Instructions for FBGA Packages
Flash memory devices in BGA packages may be damaged if exposed to ultrasonic cleaning methods. The
package and/or data integrity may be compromised if the package body is exposed to temperatures above
150°C for prolonged periods of time.
PACKAGE
FAC024
JEDEC
N/A
D x E
8.00 mm x 6.00 mm NOM
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.20
PROFILE
A1
0.25
---
---
BALL HEIGHT
A2
0.70
---
0.90
BODY THICKNESS
D
8.00 BSC.
BODY SIZE
E
6.00 BSC.
BODY SIZE
D1
5.00 BSC.
MATRIX FOOTPRINT
E1
3.00 BSC.
MATRIX FOOTPRINT
MD
6
MATRIX SIZE D DIRECTION
ME
4
MATRIX SIZE E DIRECTION
N
24
BALL COUNT
Øb
0.35
0.40
0.45
BALL DIAMETER
e
1.00 BSC.
BALL PITCHL
SD/ SE
0.5/0.5
SOLDER BALL PLACEMENT
DEPOPULATED SOLDER BALLS
J
PACKAGE OUTLINE TYPE
3642 F16-038.9 \ 09.10.09
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JEP95, SECTION
4.3, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULATED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
DATUM C IS THE SEATING PLANE AND IS DEFINED BY THE
CROWNS OF THE SOLDER BALLS.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
10
OUTLINE AND DIMENSIONS PER CUSTOMER REQUIREMENT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com