Electronic Components Datasheet Search
  English  ▼

X  

DM383 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # DM383
Description  DM383 DaVinc Digital Media Processor
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM383 Datasheet(HTML) 65 Page - Texas Instruments

Back Button DM383 Datasheet HTML 61Page - Texas Instruments DM383 Datasheet HTML 62Page - Texas Instruments DM383 Datasheet HTML 63Page - Texas Instruments DM383 Datasheet HTML 64Page - Texas Instruments DM383 Datasheet HTML 65Page - Texas Instruments DM383 Datasheet HTML 66Page - Texas Instruments DM383 Datasheet HTML 67Page - Texas Instruments DM383 Datasheet HTML 68Page - Texas Instruments DM383 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 267 page
background image
DM383
www.ti.com
SPRS870B – APRIL 2013 – REVISED DECEMBER 2013
3.3.2
CSI2 Interface (I/F) Signals
Table 3-13. CSI2 I/F Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
CSI2_DX[0]
CSI2 Camera lane 0 differential pair input. When CSI2 is
I
AB2
not used these pins can be left unconnected.
CSI2_DX[1]
CSI2 Camera lane 1 differential pair input. When CSI2 is
I
AA1
not used these pins can be left unconnected.
CSI2_DX[2]
CSI2 Camera lane 2 differential pair input. When CSI2 is
I
AA2
not used these pins can be left unconnected.
CSI2_DX[3]
CSI2 Camera lane 3 differential pair input. When CSI2 is
I
W2
not used these pins can be left unconnected.
CSI2_DX[4]
CSI2 Camera lane 4 differential pair input. When CSI2 is
I
V1
not used these pins can be left unconnected.
CSI2_DY[0]
CSI2 Camera lane 0 differential pair input. When CSI2 is
I
AC2
not used these pins can be left unconnected.
CSI2_DY[1]
CSI2 Camera lane 1 differential pair input. When CSI2 is
I
AB1
not used these pins can be left unconnected.
CSI2_DY[2]
CSI2 Camera lane 2 differential pair input. When CSI2 is
I
Y2
not used these pins can be left unconnected.
CSI2_DY[3]
CSI2 Camera lane 3 differential pair input. When CSI2 is
I
W1
not used these pins can be left unconnected.
CSI2_DY[4]
CSI2 Camera lane 4 differential pair input. When CSI2 is
I
V2
not used these pins can be left unconnected.
Copyright © 2013, Texas Instruments Incorporated
Device Pins
65
Submit Documentation Feedback
Product Folder Links: DM383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com