Electronic Components Datasheet Search
  English  ▼

X  

DM383 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DM383
Description  DM383 DaVinc Digital Media Processor
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM383 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DM383 Datasheet HTML 5Page - Texas Instruments DM383 Datasheet HTML 6Page - Texas Instruments DM383 Datasheet HTML 7Page - Texas Instruments DM383 Datasheet HTML 8Page - Texas Instruments DM383 Datasheet HTML 9Page - Texas Instruments DM383 Datasheet HTML 10Page - Texas Instruments DM383 Datasheet HTML 11Page - Texas Instruments DM383 Datasheet HTML 12Page - Texas Instruments DM383 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 267 page
background image
DM383
www.ti.com
SPRS870B – APRIL 2013 – REVISED DECEMBER 2013
Table 2-1. Characteristics of the Processor (continued)
HARDWARE FEATURES
DM383
Spinlock Module
1 (up to 128 H/W Semaphores)
Mailbox Module
1 (with 12 Mailboxes)
Size (Bytes)
640KB RAM, 48KB ROM
ARM
32KB I-cache
32KB D-cache
256KB L2 Cache with ECC
64KB RAM
On-Chip Memory
Organization
48KB Boot ROM
ADDITIONAL SHARED MEMORY
256KB On-chip RAM
see Section 8.5.3.1, JTAG ID (JTAGID)
JTAG BSDL ID
DEVICE_ID Register (address location: 0x4814 0600)
Register Description
CPU Frequency
MHz
ARM® Cortex™-A8 up to 1000 MHz
Cycle Time
ns
ARM® Cortex™ -A8 1.0 ns
DEEP SLEEP,
Core Logic (V)
OPP100, OPP120,
0.83 V – 1.35 V
Voltage
Turbo, Nitro
I/O (V)
1.35 V, 1.5 V, 1.8 V, 3.3 V
609-Pin BGA (AAR) [with Via Channel™
Package
16 x 16 mm
Technology]
Process Technology
μm
0.045
μm
Product Preview (PP),
Product Status
Advance Information (AI),
PD
or Production Data (PD)
Copyright © 2013, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Links: DM383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com