Electronic Components Datasheet Search
  English  ▼

X  

DM383 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # DM383
Description  DM383 DaVinc Digital Media Processor
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM383 Datasheet(HTML) 97 Page - Texas Instruments

Back Button DM383 Datasheet HTML 93Page - Texas Instruments DM383 Datasheet HTML 94Page - Texas Instruments DM383 Datasheet HTML 95Page - Texas Instruments DM383 Datasheet HTML 96Page - Texas Instruments DM383 Datasheet HTML 97Page - Texas Instruments DM383 Datasheet HTML 98Page - Texas Instruments DM383 Datasheet HTML 99Page - Texas Instruments DM383 Datasheet HTML 100Page - Texas Instruments DM383 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 267 page
background image
DM383
www.ti.com
SPRS870B – APRIL 2013 – REVISED DECEMBER 2013
Table 3-51. Video Input 1 (Digital) Terminal Functions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
VIN[1]A_D[16]
Video Input 1 Data inputs. For RGB capture, D[23:16] are I
M11
R Port A data inputs.
VIN[1]A_D[17]
Video Input 1 Data inputs. For RGB capture, D[23:16] are I
L12
R Port A data inputs.
VIN[1]A_D[18]
Video Input 1 Data inputs. For RGB capture, D[23:16] are I
M10
R Port A data inputs.
VIN[1]A_D[19]
Video Input 1 Data inputs. For RGB capture, D[23:16] are I
J2
R Port A data inputs.
VIN[1]A_D[20]
Video Input 1 Data inputs. For RGB capture, D[23:16] are I
K2
R Port A data inputs.
VIN[1]A_D[21]
Video Input 1 Data inputs. For RGB capture, D[23:16] are I
L2
R Port A data inputs.
VIN[1]A_D[22]
Video Input 1 Data inputs. For RGB capture, D[23:16] are I
L4
R Port A data inputs.
VIN[1]A_D[23]
Video Input 1 Data inputs. For RGB capture, D[23:16] are I
L6
R Port A data inputs.
VIN[1]A_DE
Video Input 1 Port A Data Enable input. Discrete data
I
F5
valid signal for Port A YCbCr capture modes without
embedded syncs (BT.601 modes).
VIN[1]A_FLD
Video Input 1 Port A Field ID input. Discrete field
I
F5
identification signal for Port A YCbCr capture modes
without embedded syncs (BT.601 modes).
VIN[1]A_HSYNC
Video Input 1 Port A Horizontal Sync input. Discrete
I
D3
horizontal synchronization signal for Port A YCbCr
capture modes without embedded syncs (BT.601
modes).
VIN[1]A_VSYNC
Video Input 1 Port A Vertical Sync input. Discrete vertical
I
E2
synchronization signal for Port A YCbCr capture modes
without embedded syncs (BT.601 modes).
VIN[1]B_CLK
Video Input 1 Port B Clock input. Input clock for 8-bit Port
I
AF2
B video capture. Input data is sampled on the CLK1
edge. This signal is not used in 16-bit and 24-bit capture
modes.
VIN[1]B_D[0]
Video Input Port B Data inputs. For 8-bit capture,
I
AG4
B_D[7:0] are Port B YCbCr data inputs.
VIN[1]B_D[1]
Video Input Port B Data inputs. For 8-bit capture,
I
AH1
B_D[7:0] are Port B YCbCr data inputs.
VIN[1]B_D[2]
Video Input Port B Data inputs. For 8-bit capture,
I
AH2
B_D[7:0] are Port B YCbCr data inputs.
VIN[1]B_D[3]
Video Input Port B Data inputs. For 8-bit capture,
I
AJ2
B_D[7:0] are Port B YCbCr data inputs.
VIN[1]B_D[4]
Video Input Port B Data inputs. For 8-bit capture,
I
AK1
B_D[7:0] are Port B YCbCr data inputs.
VIN[1]B_D[5]
Video Input Port B Data inputs. For 8-bit capture,
I
AK2
B_D[7:0] are Port B YCbCr data inputs.
VIN[1]B_D[6]
Video Input Port B Data inputs. For 8-bit capture,
I
AL2
B_D[7:0] are Port B YCbCr data inputs.
VIN[1]B_D[7]
Video Input Port B Data inputs. For 8-bit capture,
I
AL3
B_D[7:0] are Port B YCbCr data inputs.
Copyright © 2013, Texas Instruments Incorporated
Device Pins
97
Submit Documentation Feedback
Product Folder Links: DM383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com