Electronic Components Datasheet Search
  English  ▼

X  

DM383 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # DM383
Description  DM383 DaVinc Digital Media Processor
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM383 Datasheet(HTML) 86 Page - Texas Instruments

Back Button DM383 Datasheet HTML 82Page - Texas Instruments DM383 Datasheet HTML 83Page - Texas Instruments DM383 Datasheet HTML 84Page - Texas Instruments DM383 Datasheet HTML 85Page - Texas Instruments DM383 Datasheet HTML 86Page - Texas Instruments DM383 Datasheet HTML 87Page - Texas Instruments DM383 Datasheet HTML 88Page - Texas Instruments DM383 Datasheet HTML 89Page - Texas Instruments DM383 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 267 page
background image
DM383
SPRS870B – APRIL 2013 – REVISED DECEMBER 2013
www.ti.com
3.3.17 SPI
3.3.17.1 SPI 0
Table 3-38. SPI 0 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
SPI[0]_D[0]
SPI Data I/O. Can be configured as either MISO or
I/O
J28
MOSI.
SPI[0]_D[1]
SPI Data I/O. Can be configured as either MISO or
I/O
J27
MOSI.
SPI[0]_SCLK
SPI Clock I/O
I/O
N24
SPI[0]_SCS[0]
SPI Chip Select I/O
I/O
G29
SPI[0]_SCS[1]
SPI Chip Select I/O
I/O
G28
SPI[0]_SCS[2]
SPI Chip Select I/O
I/O
E29
SPI[0]_SCS[3]
SPI Chip Select I/O
I/O
E31
3.3.17.2 SPI 1
Table 3-39. SPI 1 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
SPI[1]_D[0]
SPI Data I/O. Can be configured as either MISO or
I/O
N23
MOSI.
SPI[1]_D[1]
SPI Data I/O. Can be configured as either MISO or
I/O
M27
MOSI.
SPI[1]_SCLK
SPI Clock I/O
I/O
M29
SPI[1]_SCS[0]
SPI Chip Select I/O
I/O
J29
SPI[1]_SCS[1]
SPI Chip Select I/O
I/O
U28
SPI[1]_SCS[2]
SPI Chip Select I/O
I/O
D31
SPI[1]_SCS[3]
SPI Chip Select I/O
I/O
D30
3.3.17.3 SPI 2
Table 3-40. SPI 2 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
SPI[2]_D[0]
SPI Data I/O. Can be configured as either MISO or
I/O
AK6, M8, N1
MOSI.
SPI[2]_D[1]
SPI Data I/O. Can be configured as either MISO or
I/O
AL6, L6, N2
MOSI.
SPI[2]_SCLK
SPI Clock I/O
I/O
AJ6, L4, R8
SPI[2]_SCS[0]
SPI Chip Select I/O
I/O
AF2
SPI[2]_SCS[1]
SPI Chip Select I/O
I/O
N9
SPI[2]_SCS[2]
SPI Chip Select I/O
I/O
L2
SPI[2]_SCS[3]
SPI Chip Select I/O
I/O
AK5
3.3.17.4 SPI 3
Table 3-41. SPI 3 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
SPI[3]_D[0]
SPI Data I/O. Can be configured as either MISO or
I/O
A5, F5, M10
MOSI.
SPI[3]_D[1]
SPI Data I/O. Can be configured as either MISO or
I/O
A6, E2, L12
MOSI.
86
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com