Electronic Components Datasheet Search
  English  ▼

X  

DM383 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DM383
Description  DM383 DaVinc Digital Media Processor
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM383 Datasheet(HTML) 1 Page - Texas Instruments

  DM383 Datasheet HTML 1Page - Texas Instruments DM383 Datasheet HTML 2Page - Texas Instruments DM383 Datasheet HTML 3Page - Texas Instruments DM383 Datasheet HTML 4Page - Texas Instruments DM383 Datasheet HTML 5Page - Texas Instruments DM383 Datasheet HTML 6Page - Texas Instruments DM383 Datasheet HTML 7Page - Texas Instruments DM383 Datasheet HTML 8Page - Texas Instruments DM383 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 267 page
background image
DM383
www.ti.com
SPRS870B – APRIL 2013 – REVISED DECEMBER 2013
DM383 DaVinci™ Digital Media Processor
Check for Samples: DM383
1
High-Performance System-on-Chip (SoC)
1.1
Features
123
– Hardware Face Detection for up to 35 Faces
• High-Performance DaVinci Digital Media
Per Frame
Processors
• Programmable High-Definition Video Image
– Up to 1000-MHz ARM® Cortex™-A8 RISC
Coprocessing (HDVICP v2) Engine
Processor
– Encode, Decode, Transcode Operations
– Up to 2000 ARM Cortex-A8 MIPS
– H.264 BP/MP/HP, MPEG-2, VC-1, MPEG-4
• ARM Cortex-A8 Core
SP/ASP, JPEG/MJPEG
– ARMv7 Architecture
• Media Controller
•
In-Order, Dual-Issue, Superscalar
– Controls the HDVPSS, HDVICP2, and ISS
Processor Core
• Endianness
•
NEON™ Multimedia Architecture
– ARM Instructions and Data – Little Endian
•
Supports Integer and Floating Point
• HD Video Processing Subsystem (HDVPSS)
•
Jazelle® RCT Execution Environment
– Two 165-MHz HD Video Capture Inputs
• ARM Cortex-A8 Memory Architecture
•
One 16- or 24-Bit Input, Splittable Into
– 32KB of Instruction and Data Caches
Dual 8-Bit SD Capture Ports
– 256KB of L2 Cache with ECC
•
One 8-, 16-, or 24-Bit HD Input and 8-Bit
– 64KB of RAM, 48KB of Boot ROM
SD Input Capture Port
• 256KB of On-Chip Memory Controller (OCMC)
– Two 165-MHz HD Video Display Outputs
RAM
•
One 16-, 24-, or 30-Bit and One 16- or 24-
• Imaging Subsystem (ISS)
Bit Output
– Camera Sensor Connection
– Component HD Analog Output
•
Parallel Connection for Raw (up to 16-Bit)
– Composite Analog Output
and BT.656/BT.1120 (8- or 16-Bit)
– Digital HDMI 1.3 Transmitter with Integrated
•
CSI2 Serial Connection
PHY
– Image Sensor Interface (ISIF) for Handling
– Advanced Video Processing Features Such
Image and Video Data From the Camera
as Scan, Format, and Rate Conversion
Sensor
– Three Graphics Layers and Compositors
– Image Pipe Interface (IPIPEIF) for Image and
• 32-Bit DDR2, DDR3, and DDR3L SDRAM
Video Data Connection Between Camera
Interface
Sensor, ISIF, IPIPE, and DRAM
– Supports up to 400 MHz for DDR2, 533 MHz
– Image Pipe (IPIPE) for Real-Time Image and
for DDR3, and 533 MHz for DDR3L
Video Processing
– Up to Two x 16 Devices, 2GB of Total
– Resizer
Address Space
•
Resizing Image and Video From 1/16x to
– Dynamic Memory Manager (DMM)
8x
•
Programmable Multi-Zone Memory
•
Generating Two Different Resizing
Mapping
Outputs Concurrently
•
Enables Efficient 2D Block Accesses
•
Hardware 3A Engine (H3A) for Generating
Key Statistics for 3A (AE, AWB, and AF)
•
Supports Tiled Objects in 0°, 90°, 180°, or
Control
270° Orientation and Mirroring
• Face Detect (FD) Engine
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Device/BIOS, XDS are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - DM383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM383 TI1-DM383 Datasheet
2Mb / 267P
DaVinci Digital Media Processor
DM383AAAR11 TI1-DM383AAAR11 Datasheet
2Mb / 267P
DaVinci Digital Media Processor
DM383AAAR21 TI1-DM383AAAR21 Datasheet
2Mb / 267P
DaVinci Digital Media Processor
DM383AAAR21F TI1-DM383AAAR21F Datasheet
2Mb / 267P
DaVinci Digital Media Processor
More results

Similar Description - DM383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
Digital Media Processor
DMVA3 TI1-DMVA3 Datasheet
2Mb / 287P
DMVA3 and DMVA4 DaVinc Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com