Electronic Components Datasheet Search
  English  ▼

X  

DM383 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # DM383
Description  DM383 DaVinc Digital Media Processor
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM383 Datasheet(HTML) 71 Page - Texas Instruments

Back Button DM383 Datasheet HTML 67Page - Texas Instruments DM383 Datasheet HTML 68Page - Texas Instruments DM383 Datasheet HTML 69Page - Texas Instruments DM383 Datasheet HTML 70Page - Texas Instruments DM383 Datasheet HTML 71Page - Texas Instruments DM383 Datasheet HTML 72Page - Texas Instruments DM383 Datasheet HTML 73Page - Texas Instruments DM383 Datasheet HTML 74Page - Texas Instruments DM383 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 267 page
background image
DM383
www.ti.com
SPRS870B – APRIL 2013 – REVISED DECEMBER 2013
3.3.7
GPMC
Table 3-18. GPMC Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
GPMC_A[0]
GPMC Address 0
O
AK3, M8
GPMC_A[1]
GPMC Address 1
O
AD1, AK4
GPMC_A[2]
GPMC Address 2
O
AC8, AJ4
GPMC_A[3]
GPMC Address 3
O
AC5, AL5
GPMC_A[4]
GPMC Address 4
O
AC4, AK5
GPMC_A[5]
GPMC Address 5
O
A2, AJ6
GPMC_A[6]
GPMC Address 6
O
AL6, B2
GPMC_A[7]
GPMC Address 7
O
AK6, C1
GPMC_A[8]
GPMC Address 8
O
AJ7, C2
GPMC_A[9]
GPMC Address 9
O
AK7, D5
GPMC_A[10]
GPMC Address 10
O
AE4, H9
GPMC_A[11]
GPMC Address 11
O
AK8, J10
GPMC_A[12]
GPMC Address 12
O
AJ8, B3
GPMC_A[13]
GPMC Address 13
O
AH8, L2
GPMC_A[14]
GPMC Address 14
O
AG8, L4
GPMC_A[15]
GPMC Address 15
O
AF8, L6
GPMC_A[16]
GPMC Address 16
O
M1
GPMC_A[17]
GPMC Address 17
O
M2
GPMC_A[18]
GPMC Address 18
O
M3
GPMC_A[19]
GPMC Address 19
O
M5
GPMC_A[20]
GPMC Address 20
O
AE3, N9
GPMC_A[21]
GPMC Address 21
O
AE2, N1
GPMC_A[22]
GPMC Address 22
O
AE1, N2
GPMC_A[23]
GPMC Address 23
O
AD2, R8
GPMC_A[24]
GPMC Address 24
O
AC3, AE3, Y11
GPMC_A[25]
GPMC Address 25
O
AA12, AE2, Y3
GPMC_A[26]
GPMC Address 26
O
AE1, AK3, W8
GPMC_A[27]
GPMC Address 27
O
AD2, AK3
GPMC_ADV_ALE
GPMC Address Valid output or Address Latch Enable
O
AA10
output
GPMC_BE[1]
GPMC Upper Byte Enable output
O
Y11
GPMC_BE[0]_CLE
GPMC Lower Byte Enable output or Command Latch
O
Y3
Enable output
GPMC_CLK
GPMC Clock output
O
AB9
GPMC_CS[0]
GPMC Chip Select 0
O
AC9
GPMC_CS[1]
GPMC Chip Select 1
O
AA12
GPMC_CS[2]
GPMC Chip Select 2
O
AC3
GPMC_CS[3]
GPMC Chip Select 3
O
AF2
GPMC_CS[4]
GPMC Chip Select 4
O
AG6
GPMC_CS[5]
GPMC Chip Select 5
O
AB9
GPMC_CS[6]
GPMC Chip Select 6
O
AA10
GPMC_CS[7]
GPMC Chip Select 7
O
AD2
GPMC_D[0]
GPMC Multiplexed Data/Address I/O
I/O
W6
GPMC_D[1]
GPMC Multiplexed Data/Address I/O
I/O
W4
GPMC_D[2]
GPMC Multiplexed Data/Address I/O
I/O
W3
GPMC_D[3]
GPMC Multiplexed Data/Address I/O
I/O
U2
Copyright © 2013, Texas Instruments Incorporated
Device Pins
71
Submit Documentation Feedback
Product Folder Links: DM383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com