| Electronic Components Datasheet Search |
|
DM383 Datasheet(PDF) 82 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM383 Datasheet(HTML) 82 Page - Texas Instruments |
|
82 / 267 page ![]() DM383 SPRS870B – APRIL 2013 – REVISED DECEMBER 2013 www.ti.com 3.3.14 Reserved Pins Table 3-31. Reserved Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] RSV0 Reserved. Leave unconnected, do not connect to power J25 or ground. RSV1 Reserved. Leave unconnected, do not connect to power H27 or ground. RSV2 Reserved. Leave unconnected, do not connect to power H24 or ground. RSV24 Reserved. Leave unconnected, do not connect to power J30 or ground. RSV25 Reserved. Leave unconnected, do not connect to power K30 or ground. RSV26 Reserved. Leave unconnected, do not connect to power K31 or ground. RSV3 Reserved. Leave unconnected, do not connect to power H28 or ground. RSV31 Reserved. Leave unconnected, do not connect to power P31 or ground. RSV32 Reserved. Leave unconnected, do not connect to power R30 or ground. RSV33 Reserved. Leave unconnected, do not connect to power T30 or ground. RSV34 Reserved. Leave unconnected, do not connect to power AH24 or ground. RSV35 Reserved. Leave unconnected, do not connect to power AJ24 or ground. RSV36 Reserved. Leave unconnected, do not connect to power L31 or ground. RSV39 Reserved. Leave unconnected, do not connect to power H25 or ground. RSV4 Reserved. Leave unconnected, do not connect to power PWR G17 or ground. RSV40 Reserved. Leave unconnected, do not connect to power H29 or ground. RSV41 Reserved. Leave unconnected, do not connect to power AD8 or ground. RSV42 Reserved. Leave unconnected, do not connect to power O AK21 or ground. RSV43 Reserved. Leave unconnected, do not connect to power P30 or ground. RSV5 Reserved. Leave unconnected, do not connect to power PWR G16 or ground. RSV53 For proper device operation, this pin must always be PWR M26 connected to a 1.8-V Power Supply. RSV54 For proper device operation, this pin must always be PWR M28 connected to a 1.8-V Power Supply. 82 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM383 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |