Electronic Components Datasheet Search
  English  ▼

X  

MP2040 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2040
Description  Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2040 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2040 Datasheet HTML 1Page - Monolithic Power Systems MP2040 Datasheet HTML 2Page - Monolithic Power Systems MP2040 Datasheet HTML 3Page - Monolithic Power Systems MP2040 Datasheet HTML 4Page - Monolithic Power Systems MP2040 Datasheet HTML 5Page - Monolithic Power Systems MP2040 Datasheet HTML 6Page - Monolithic Power Systems MP2040 Datasheet HTML 7Page - Monolithic Power Systems MP2040 Datasheet HTML 8Page - Monolithic Power Systems MP2040 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP2040 –FAST TRANSIENT RESPONSE, 3A VERY LOW DROPOUT LINEAR REGULATOR
MP2040 Rev.1.0
www.MonolithicPower.com
3
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 1.5V, VBIAS = 3.6V, VOUT = 1.2V, COUT = 1µF, CIN = 0.1µF, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
VIN Operating Voltage
1.1
5.5
V
VBIAS Operating Voltage
IOUT = 2A
3.3
5.5
V
VBIAS Operating Current
3.5
mA
0.5
0.51
0.52
FB Regulation Voltage
-40
°C ≤ TA ≤ +85°C
0.495
0.51
0.525
V
Dropout Voltage
IOUT = 3A, VBIAS = 3.6V
150
mV
VIN Line Regulation
IOUT = 1mA,
VIN = 1.5 to 5V
VBIAS = 5V VOUT = 1.2V
1
mV
VBIAS Line Regulation
IOUT = 1mA,
VBIAS = 3.6V to 5.5V VOUT = 1.2V
VIN = 1.5V
2
mV
Load Regulation
IOUT = 1mA to 1A
0.001
%/mA
PSRR (VIN)
VIN > VOUT + 0.5V, COUT = 4.7µF,
VIN(AC) = 100mV, f = 100kHz
VB=5V
40
dB
Power Good Threshold
440
mV
Power Good Delay
80
µs
Current Limit
(5)
3.6
A
Soft Start
BYPASS=open
280
µs
Power Good Voltage
Isink=230µA
0.39
V
EN Input High Voltage
1.5
V
EN Input Low Voltage
0.8
V
EN Input Bias Current
VEN = 1.2V
–1
+1
µA
Thermal Protection
135
°C
Thermal Protection Hysteresis
15
°C
Notes:
5) Guaranteed by Designer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com