Electronic Components Datasheet Search
  English  ▼

X  

MP2040 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2040
Description  Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2040 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2040 Datasheet HTML 1Page - Monolithic Power Systems MP2040 Datasheet HTML 2Page - Monolithic Power Systems MP2040 Datasheet HTML 3Page - Monolithic Power Systems MP2040 Datasheet HTML 4Page - Monolithic Power Systems MP2040 Datasheet HTML 5Page - Monolithic Power Systems MP2040 Datasheet HTML 6Page - Monolithic Power Systems MP2040 Datasheet HTML 7Page - Monolithic Power Systems MP2040 Datasheet HTML 8Page - Monolithic Power Systems MP2040 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2040 –FAST TRANSIENT RESPONSE, 3A VERY LOW DROPOUT LINEAR REGULATOR
MP2040 Rev.1.0
www.MonolithicPower.com
4
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN3X3 10pins
Pin #
Name
Description
9, 10
VOUT
Regulator Output. OUT is the output of the linear regulator, By pass OUT to GND with a
4.7µF or greater capacitor.
3
BIAS
Bias Voltage. Bypass to ground with a 1µF or greater capacitor, VB>=VIN.
8
FB
Feedback Input. Connect a resistive voltage divider from OUT to FB to set the output
voltage. OUT feedback threshold is 0.51V.
7
EN
Enable Input. Drive EN high to turn on the MP2040, drive EN low to turn it off. For
automatic startup, connect EN to IN.
5
GND
Ground, exposed pad.
1, 2
VIN
Power Source Input. IN supplies power to the load at the output (through the power
transistor). Bypass IN to GND with a 1µF or greater capacitor.
4
PGOOD Open drain output. High indicated VOUT> 90% final value.
6
BYPASS Connect a 1nF to this pin. Do not load this pin resistively.
QFN5x5 32pins
Pin #
Name
Description
20, 21,22,
23
VOUT
Regulator Output. OUT is the output of the linear regulator, By pass OUT to GND with a
4.7µF or greater capacitor.
6
BIAS
Bias Voltage. Bypass to ground with a 1µF or greater capacitor, VB>=VIN.
19
FB
Feedback Input. Connect a resistive voltage divider from OUT to FB to set the output
voltage. OUT feedback threshold is 0.51V.
18
EN
Enable Input. Drive EN high to turn on the MP2040, drive EN low to turn it off. For
automatic startup, connect EN to IN.
8
GND
Ground, exposed pad.
2, 3, 4, 5
VIN
Power Source Input. IN supplies power to the load at the output (through the power
transistor). Bypass IN to GND with a 1µF or greater capacitor.
7
PGOOD Open drain output. High indicated VOUT> 90% final value.
17
BYPASS Connect a 1nF to this pin. Do not load this pin resistively.
1, 9, 10,
11, 12,
13, 14,
15, 16,
24, 25,
26, 27,
28, 29,
30, 31, 32
NC
These are no connection pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com