Electronic Components Datasheet Search
  English  ▼

X  

MP2040 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2040
Description  Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2040 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2040 Datasheet HTML 2Page - Monolithic Power Systems MP2040 Datasheet HTML 3Page - Monolithic Power Systems MP2040 Datasheet HTML 4Page - Monolithic Power Systems MP2040 Datasheet HTML 5Page - Monolithic Power Systems MP2040 Datasheet HTML 6Page - Monolithic Power Systems MP2040 Datasheet HTML 7Page - Monolithic Power Systems MP2040 Datasheet HTML 8Page - Monolithic Power Systems MP2040 Datasheet HTML 9Page - Monolithic Power Systems MP2040 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP2040 –FAST TRANSIENT RESPONSE, 3A VERY LOW DROPOUT LINEAR REGULATOR
MP2040 Rev.1.0
www.MonolithicPower.com
6
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1=22µF, C2=0.1µF, C3=1.0µF, C4=4.7µF, C6=22nF, VB=5V, TA=25ºC, unless otherwise noted
VDROPOUT vs. Temperature
VO=1.2V, IO=1A
25
28
31
34
37
40
-45 -25
-5
15
35
55 75
95
0.504
0.506
0.508
0.51
0.512
0.514
-40
-10
20
50
80
110
VBF vs. Temperature
VIN=1.5V, VB=3.6V
VOUT vs. Temperature
VIN=1.5V, VO=1.5V, IO=1mA
1.18
1.19
1.20
1.21
1.22
1.23
-45 -25
-5
15 35
55 75
95
Load Transient
VIN=1.9V, VO=1.2V, IO=0 to 3A
Enable Turn ON
VIN=1.6V, VO=1.2V,
VEN=0V to 3V, IO=3A
Enable Turn Off
VIN=1.6V, VO=1.2V,
VEN=3V to 0V, IO=3A
Short Circuit
VIN=2.1V, VO=1.2V
Short Circuit Recovery
VIN=2.1V, VO=1.2V
Thermal Protection
VIN=3.8V, VO=2.5V, IO=3.6A
VO
20mV/div.
VO
1V/div.
VPG
5V/div.
VEN
2V/div.
IO
2A/div.
VO
2V/div.
IO
5A/div.
VO
2V/div.
IO
5A/div.
IO
5A/div.
VO
1V/div.
VPG
5V/div.
VEN
2V/div.
IO
5A/div.
VO
2V/div.
VPG
5V/div.
VIN
2V/div.
IO
2A/div.
1ms
20ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com