Electronic Components Datasheet Search
  English  ▼

X  

MP2040 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2040
Description  Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2040 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2040 Datasheet HTML 1Page - Monolithic Power Systems MP2040 Datasheet HTML 2Page - Monolithic Power Systems MP2040 Datasheet HTML 3Page - Monolithic Power Systems MP2040 Datasheet HTML 4Page - Monolithic Power Systems MP2040 Datasheet HTML 5Page - Monolithic Power Systems MP2040 Datasheet HTML 6Page - Monolithic Power Systems MP2040 Datasheet HTML 7Page - Monolithic Power Systems MP2040 Datasheet HTML 8Page - Monolithic Power Systems MP2040 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP2040 –FAST TRANSIENT RESPONSE, 3A VERY LOW DROPOUT LINEAR REGULATOR
MP2040 Rev.1.0
www.MonolithicPower.com
5
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
C1=22µF, C2=0.1µF, C3=1.0µF, C4=4.7µF, C6=22nF, VB=5V, TA=25ºC, unless otherwise noted
.
Load Regulation
Line Regulation
Load Regulation
Line Regulation
0
20
40
60
80
100
120
140
160
0.0
0.8
1.6
2.4
3.2
4.0
LOAD CURRENT ( A )
1.190
1.194
1.198
1.202
1.206
1.210
1.5
1.9
2.3
2.7
3.1
3.5
INPUT VOLTAGE ( V )
Voltage Dropout
VOUT=1.2V
Line Regulation
1.190
1.194
1.198
1.202
1.206
1.210
0.0
0.6
1.2
1.8
2.4
3.0
LOAD CURRENT ( A )
VIN=1.8V
VIN=1.5V
IIN=1.0A
IIN=0.6A
Load Regulation
-20
-10
0
10
20
30
40
50
60
70
80
0.1
1
10
100
1000 10000
FREQUENCY (kHz )
PSRR vs. Frequency
VIN=1.5V,VOUT=1.2V
1.790
1.796
1.802
1.808
1.814
1.820
2.0
2.3
2.6
2.9
3.2
3.5
INPUT VOLTAGE ( V )
IIN=1.0A
IIN=0.6A
1.800
1.804
1.808
1.812
1.816
1.820
0.0
0.6
1.2
1.8
2.4
3.0
LOAD CURRENT ( A )
INPUT VOLTAGE ( V )
LOAD CURRENT ( A )
VIN=2.5V
VIN=1.8V
20
30
40
50
60
70
80
0.5
1.0
1.5
2.0
2.5
3.0
PD (W)
MP2040DU Case
Temperature vs. PD
VB=5V,VOUT=1.2V
2.48
2.49
2.50
2.51
2.52
2.53
2.5
2.8
3.1
3.4
3.7
4.0
2.45
2.47
2.49
2.51
2.53
2.55
0.0
0.6
1.2
1.8
2.4
3.0
IIN=0.6A
IIN=1.0A
VIN=3.5V
VIN=2.8V
VIN=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com