Electronic Components Datasheet Search
  English  ▼

X  

MP2040 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2040
Description  Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2040 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2040 Datasheet HTML 4Page - Monolithic Power Systems MP2040 Datasheet HTML 5Page - Monolithic Power Systems MP2040 Datasheet HTML 6Page - Monolithic Power Systems MP2040 Datasheet HTML 7Page - Monolithic Power Systems MP2040 Datasheet HTML 8Page - Monolithic Power Systems MP2040 Datasheet HTML 9Page - Monolithic Power Systems MP2040 Datasheet HTML 10Page - Monolithic Power Systems MP2040 Datasheet HTML 11Page - Monolithic Power Systems MP2040 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP2040 –FAST TRANSIENT RESPONSE, 3A VERY LOW DROPOUT LINEAR REGULATOR
MP2040 Rev.1.0
www.MonolithicPower.com
8
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
BLOCK DIAGRAM
BYPASS
BIAS
EN
GND
PGOOD
O
FB
VOUT
VIN
+
--
0.5V
0.45V
REFERENCE
SOFT
START
GATE
--
+
Figure 1—Block Diagram of Low Dropout Regulator
OPERATION
MP2040 Theory of Operation
The MP2040 linear dropout regulator provides
adjustable output voltages from 0.9V to 3.3V at
currents up to 3A. This LDO is protected against
short circuits, and it has thermal shut down
protection with 15oC hystheresis.
Utilizing Two Power Supplies
In order to maximize the efficiency MP2040 uses
two power supplies. One power supply is
connected to the BIAS pin and it is used to power
up the internal circuitries including band gap
reference and the rest of control circuitries. The
other power supply is connected to the VIN pins
which are the drain of pass device. This power
supply can be set close to output voltage of LDO.
The output pins are the source of the pass
device. The smaller voltage drop across the pass
device translates to the smaller power loss in
pass device. Thus, the part operates with higher
efficiency.
Internal Current Limit
The MP2040 has an internal current limit set at
almost 3.8A. Internal current limit is very well
controlled over process variations and ambient
temperature.
Enable
The enable (EN) pin is active high. The enable
pin has a built-in hystheresis. If this pin is held
below 0.8V then part shuts down and draws less
than 1uA from VBIAS supply.
If not used then connect this pin to VBIAS.
Under Voltage Lockout
The Bias voltage is monitored by a circuit that
prevents the LDO start up when the bias voltage
is below 2.35V. This circuitry has an approximate
hystheresis of 90mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com