Electronic Components Datasheet Search
  English  ▼

X  

MP2040 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2040
Description  Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2040 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2040 Datasheet HTML 4Page - Monolithic Power Systems MP2040 Datasheet HTML 5Page - Monolithic Power Systems MP2040 Datasheet HTML 6Page - Monolithic Power Systems MP2040 Datasheet HTML 7Page - Monolithic Power Systems MP2040 Datasheet HTML 8Page - Monolithic Power Systems MP2040 Datasheet HTML 9Page - Monolithic Power Systems MP2040 Datasheet HTML 10Page - Monolithic Power Systems MP2040 Datasheet HTML 11Page - Monolithic Power Systems MP2040 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP2040 –FAST TRANSIENT RESPONSE, 3A VERY LOW DROPOUT LINEAR REGULATOR
MP2040 Rev.1.0
www.MonolithicPower.com
9
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Soft Start
MP2040 incorporates internal soft start function.
This internal function reduces the start up current
surge into the output capacitor. This allows the
gradual built up of output voltage to its final set
value. The internal soft start cap is held to ground
if there is a fault condition. The fault conditions
are UVLO, Thermal shut down, and disable. The
internal soft start time is almost 280µ
Power Good
The Power Good pin is an open drain output and
can be connected to Bias voltage via a pull up
resistor. Open drain transistor turns off and PG
pin voltage value becomes VBIAS when VFB
exceeds 450mV. Also PG pin can sink at least
230µA while being low.
Setting the Output Voltage
The MP2040 has an adjustable output voltage,
set by using a resistive voltage divider from the
output voltage to FB pin. The voltage divider
divides the output voltage down to the feedback
voltage by the ratio:
VFB = VOUT x R2/ (R1+R2)
Where VFB is the feedback threshold voltage
(VFB=0.5V), and VOUT is the output voltage. R1
connects between VOUT and VFB, and R2 connects
between VFB and ground.
Thus the output voltage is:
VOUT = 0.5 x (R1+R2)/R2
R2 can be as high as 100kΩ, but a typical value
is 10k
Ω. Using that value, R1 is determined by:
R1=R2 x (VOUT-VFB)/VFB
For example, for a 1.8V output voltage, R2 is
10k
Ω, and R1 is 26kΩ. You can select 26kΩ (1%)
resistor for R1.
Power Dissipation
Most of the power dissipation is due to power
dissipation in PASS device. For example,
assume VBIAS=5.0V, VIN=2.0V, VOUT=1.8V, and
IOUT=3A:
PD (PASS) = (VIN-VOUT) x IOUT
PD (PASS) = (2.0V-1.8V) x 3A=0.6W
PBIAS = VBIAS x IGND= 5V x (220µA) = 1.25mW.
This is negligible compared to PD (PASS) =0.6W
For QFN 3X3
θJA is 50oC/W.
0.6W power is dissipated when 3A output current
goes through PASS device with VIN=2.0V, and
VOUT=1.8V.
This gives a rise in die temperature for 0.6 x
50oC/W=30oCThis is a safe operating point
assuming a junction temperature of 135oC at an
85oC ambient temperature.
A heat sink needs to be utilized for a better
temperature performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com